| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DS33TR bảng dữ liệu(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DS33TR bảng dữ liệu(HTML) 72 Page - STMicroelectronics |
|
72 / 77 page ![]() Soldering information LSM6DS33 72/77 DocID027423 Rev 4 12 Soldering information The LGA package is compliant with the ECOPACK®, RoHS and "Green" standard. It is qualified for soldering heat resistance according to JEDEC J-STD-020. Leave "Pin 1 Indicator" unconnected during soldering. Land pattern and soldering recommendations are available at www.st.com/mems. |