| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DS3USTR bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DS3USTR bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 104 page ![]() DocID028476 Rev 4 65/104 LSM6DS3US Register description 104 9.25 D6D_SRC (1Dh) Portrait, landscape, face-up and face-down source register (r) Table 80. D6D_SRC register 0(1) 1. This bit must be set to ‘0’ for the correct operation of the device. D6D_IA ZH ZL YH YL XH XL Table 81. D6D_SRC register description D6D_ IA Interrupt active for change position portrait, landscape, face-up, face-down. Default value: 0 (0: change position not detected; 1: change position detected) ZH Z-axis high event (over threshold). Default value: 0 (0: event not detected; 1: event (over threshold) detected) ZL Z-axis low event (under threshold). Default value: 0 (0: event not detected; 1: event (under threshold) detected) YH Y-axis high event (over threshold). Default value: 0 (0: event not detected; 1: event (over-threshold) detected) YL Y-axis low event (under threshold). Default value: 0 (0: event not detected; 1: event (under threshold) detected) X_H X-axis high event (over threshold). Default value: 0 (0: event not detected; 1: event (over threshold) detected) X_L X-axis low event (under threshold). Default value: 0 (0: event not detected; 1: event (under threshold) detected) |