công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LIS3MDLTR bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện LIS3MDLTR
Giải thích chi tiết về linh kiện  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDLTR bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button LIS3MDLTR Datasheet HTML 14Page - STMicroelectronics LIS3MDLTR Datasheet HTML 15Page - STMicroelectronics LIS3MDLTR Datasheet HTML 16Page - STMicroelectronics LIS3MDLTR Datasheet HTML 17Page - STMicroelectronics LIS3MDLTR Datasheet HTML 18Page - STMicroelectronics LIS3MDLTR Datasheet HTML 19Page - STMicroelectronics LIS3MDLTR Datasheet HTML 20Page - STMicroelectronics LIS3MDLTR Datasheet HTML 21Page - STMicroelectronics LIS3MDLTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Digital interfaces
LIS3MDL
18/33
DocID024204 Rev 4
Data are transmitted in byte format (DATA). Each data transfer contains 8 bits. The number
of bytes transferred per transfer is unlimited. Data is transferred with the most significant bit
(MSb) first. If a receiver cannot receive another complete byte of data until it has performed
some other function, it can hold the clock line SCL LOW to force the transmitter into a wait
state. Data transfer only continues when the receiver is ready for another byte and releases
the data line. If a slave receiver does not acknowledge the slave address (i.e. it is not able to
receive because it is performing some real-time function) the data line must be left HIGH by
the slave. The Master can then abort the transfer. A LOW to HIGH transition on the SDA line
while the SCL line is HIGH is defined as a STOP condition. Each data transfer must be
terminated by the generation of a STOP (SP) condition.
In order to read multiple bytes, it is necessary to assert the most significant bit of the sub-
address field. In other words, SUB(7) must be equal to 1, while SUB(6-0) represents the
address of first register to be read.
In the presented communication format, MAK is Master acknowledge and NMAK is No
Master Acknowledge.
5.2
SPI bus interface
The LIS3MDL SPI is a bus slave. The SPI allows writing to and reading from the registers of
the device.
The serial interface interacts with the application through 4 wires: CS, SPC, SDI and SDO.
Table 13. Transfer when master is writing multiple bytes to slave
Master
ST
SAD + W
SUB
DATA
DATA
SP
Slave
SAK
SAK
SAK
SAK
Table 14. Transfer when master is receiving (reading) one byte of data from slave
Master
ST
SAD + W
SUB
SR
SAD + R
NMAK
SP
Slave
SAK
SAK
SAK
DATA
Table 15. Transfer when master is receiving (reading) multiple bytes of data from slave
Master ST SAD+W
SUB
SR SAD+R
MAK
MAK
NMAK SP
Slave
SAK
SAK
SAK
DATA
DAT
A
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33