công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DG413LEDJ-GE3 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện DG413LEDJ-GE3
Giải thích chi tiết về linh kiện  Low Parasitic Capacitance and Leakage, Quad SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413LEDJ-GE3 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  DG413LEDJ-GE3 Datasheet HTML 1Page - Vishay Siliconix DG413LEDJ-GE3 Datasheet HTML 2Page - Vishay Siliconix DG413LEDJ-GE3 Datasheet HTML 3Page - Vishay Siliconix DG413LEDJ-GE3 Datasheet HTML 4Page - Vishay Siliconix DG413LEDJ-GE3 Datasheet HTML 5Page - Vishay Siliconix DG413LEDJ-GE3 Datasheet HTML 6Page - Vishay Siliconix DG413LEDJ-GE3 Datasheet HTML 7Page - Vishay Siliconix DG413LEDJ-GE3 Datasheet HTML 8Page - Vishay Siliconix DG413LEDJ-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DG411LE, DG412LE, DG413LE
www.vishay.com
Vishay Siliconix
S16-0391-Rev. A, 07-Mar-16
1
Document Number: 78091
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16
, Low Parasitic Capacitance and Leakage,
+12 V / +5 V / +3 V / ± 5 V Quad SPST Switches
DESCRIPTION
The DG411LE, DG412LE, and DG413LE are monolithic
quad
single-pole-single-throw
analog
switches.
The
DG411LE and DG412LE differ only in that they respond to
opposite logic levels. The DG413LE has two normally open
and two normally closed switches. It can be given various
configurations, including four SPST, two SPDT, and one
DPDT.
The DG411LE, DG412LE, and DG413LE offer low on
resistance of 16
, low parasitic capacitance of 15 pF
switch on capacitance, and low charge injection over the
signal swing range.
The DG411LE, DG412LE, and DG413LE operate on single
and dual supplies. Single supply voltage ranges from 3 V
to 16 V while dual supply operation is recommended with
± 3 V to ± 8 V. Each switch conducts equally well in both
direction when on, and blocks input voltages up to the
supply levels when off.
The DG411LE, DG412LE, and DG413LE are available in
16 lead TSSOP, SOIC, and PDIP packages.
FEATURES
• 3 V to 16 V single supply or ± 3 V to ± 8 V dual
supply
• On-resistance RDS(on): 16 
• Low parasitic capacitance:
CD(ON): 15 pF
CS(OFF): 5 pF
• Less than 8 pC charge injection over the full signal swing
range
• Fast switching tON: 16 ns
tOFF: 9 ns
• TTL, CMOS compatible
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
BENEFITS
• Wide operation voltage range
• Low signal errors and distortion
•Fast switching time
• Minimized switching glitch
APPLICATIONS
• Automatic test equipment
• Data acquisition systems
• Meters and instruments
• Medical and healthcare systems
• Communication systems
• Audio and video signal routing
• Relay replacement
• Battery powered systems
• Computer peripherals
• Audio and video signal routing
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Available
Available
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
DG411LE, DG412LE
Dual-In-Line, TSSOP and SOIC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
DG413LE
Dual-In-Line, TSSOP and SOIC


Số phần tương tự - DG413LEDJ-GE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
DG413LE VISHAY-DG413LE Datasheet
327Kb / 17P
16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
05-Aug-2019
More results

Mô tả tương tự - DG413LEDJ-GE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX326 MAXIM-MAX326 Datasheet
309Kb / 8P
Quad, SPST, Ultra-Low Leakage, CMOS Analog Switches
19-3985; Rev 2; 7/96
logo
M/A-COM Technology Solu...
MA4SPS402 MA-COM-MA4SPS402_15 Datasheet
745Kb / 8P
Low Parasitic Capacitance and Inductance
MADP-017015-1314 MA-COM-MADP-017015-1314_10 Datasheet
247Kb / 4P
Low Parasitic Capacitance and Inductance
MASW-003103-1364 MA-COM-MASW-003103-1364_15 Datasheet
1Mb / 9P
Low Parasitic Capacitance and Inductance
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
19-May-14
logo
Texas Instruments
TMUX6111 TI1-TMUX6111 Datasheet
380Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
(-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
logo
Vishay Siliconix
DG2501 VISHAY-DG2501_V01 Datasheet
201Kb / 10P
200 Ω, Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
21-Aug-17
DG411LE VISHAY-DG411LE_V01 Datasheet
327Kb / 17P
16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
05-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com