công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DG413LEDQ-GE3 bảng dữ liệu(PDF) 3 Page - Vishay Siliconix

tên linh kiện DG413LEDQ-GE3
Giải thích chi tiết về linh kiện  Low Parasitic Capacitance and Leakage, Quad SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413LEDQ-GE3 bảng dữ liệu(HTML) 3 Page - Vishay Siliconix

  DG413LEDQ-GE3 Datasheet HTML 1Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 2Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 3Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 4Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 5Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 6Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 7Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 8Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DG411LE, DG412LE, DG413LE
www.vishay.com
Vishay Siliconix
S16-0391-Rev. A, 07-Mar-16
3
Document Number: 78091
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g. Leakage parameters are guaranteed by worst case test conditions and not subject to test.
SPECIFICATIONS a (Single Supply 12 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE
SPECIFIED
V+ = 12 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V f
TEMP. b
TYP. c
A SUFFIX
LIMITS
-55 °C to +125 °C
D SUFFIX
LIMITS
-40 °C to +85 °C UNIT
MIN. d
MAX. d
MIN. d
MAX. d
Analog Switch
Analog Signal Range e
VANALOG
Full
-
0
12
0
12
V
Drain-Source
On-Resistance
RDS(on)
V+ = 10.8 V, V- = 0 V
IS = 10 mA, VD = 2/9 V
Room
16
-
26
-
26
Full
-
-
40
-
35
Switch Off Leakage Current
IS(off)
VD = 1/11 V, VS = 11/1 V
Room
-
-1
1
-1
1
nA
Full
-
-15
15
-10
10
ID(off)
Room
-
-1
1
-1
1
Full
-
-15
15
-10
10
Channel On Leakage
Current
ID(on)
VS = VD = 11/1 V
Room
-
-1
1
-1
1
Full
-
-15
15
-10
10
Digital Control
Input Current, VIN Low
IIL
VIN under test = 0.8 V
Full
0.01
-1.5
1.5
-1
1
μA
Input Current, VIN High
IIH
VIN under test = 2.4 V
Full
-1.5
1.5
-1
1
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF,
VS = 5 V, see figure 2
Room
16
-
50
-
50
ns
Full
-
-
70
-
60
Turn-Off Time
tOFF
Room
9
-
30
-
30
Full
-
-
48
-
40
Break-Before-Make
Time Delay
tD
DG413L only, VS = 5 V,
RL = 300 , CL = 35 pF
Room
5
-
-
-
-
Charge Injection e
QVg = 0 V, Rg = 0 , CL = 10 nF
Room
6.6
-
-
-
-
pC
Off-Isolation e
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
68.4
-
-
-
-
dB
Channel-to-Channel
Crosstalk e
XTALK
Room
114
-
-
-
-
Source Off Capacitance e
CS(off)
f = 1 MHz
Room
5
-
-
-
-
pF
Drain Off Capacitance e
CD(off)
Room
6
-
-
-
-
Channel-On Capacitance e
CD(on)
Room
15
-
-
-
-
Power Supplies
Positive Supply Current
I+
VIN = 0 V or 5 V
Room
0.02
-
1
-
1
μA
Full
-
-
7.5
-
5
Negative Supply Current
I-
Room
-0.002
-1
-
-1
-
Full
-
-7.5
-
-5
-
Logic Supply Current
IL
Room
0.002
-
1
-
1
Full
-
-
7.5
-
5
Ground Current
IGND
Room
-0.002
-1
-
-1
-
Full
-
-7.5
-
-5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com