| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L113 bảng dữ liệu(PDF) 6 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
L113 bảng dữ liệu(HTML) 6 Page - C&K Components |
|
6 / 6 page ![]() I–24 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ck-components.com I AVAILABLE HARDWARE .200 DIA. (5,08 ) .120 (3,05) .155 (3,94) .375 DIA. (9,53 ) .120 (3,05) .250 (6,35) .310 DIA. (7,87 ) .250 (6,35) .138 (3,51) Cap Compatible with 13-19 actuators PART NO. 708902000 BLACK 708903000 RED Material: Nylon Finish: Gloss Cap Compatible with 13-19 actuators PART NO. 452D02000 BLACK 452D03000 RED Material: Nylon Finish: Gloss Cap Compatible with 13-19 actuators PART NO. 894102000 BLACK 894103000 RED Material: Nylon Finish: Gloss Cap Compatible with 13-19 actuators PART NO. 484602000 BLACK 484603000 RED Material: Nylon Finish: Gloss PART NO. 798202263 BLACK 798203000 RED Material: Nylon Finish: Matte Cap Compatible with 13-19 actuators PART NO. 752702000 BLACK 752703000 RED Material: Nylon Finish: Gloss Cap Compatible with 13-19 actuators PART NO. 801802000 BLACK 801803000 RED Material: Nylon Finish: Gloss .450 SQ. (11,43) .195 (4,95) .240 (6,10) L Series Miniature Slide Switches Cap Compatible with 01-05 actuators PART NO. 120100602 BLACK Material: Nylon Finish: Matte Splash Cap PART NO. 120100200 Material: Nylon Splash Cap PART NO. 120100300 Material: Nylon NOTE: Other colors available, consult Customer Service Center. Splash Cap PART NO. 120100400 Material: Nylon Fits ‘MA’ mounting style, LXX3 models only. Fits ‘MS’ mounting style, LXX1 & LXX2 models only. Fits ‘MV’ mounting style, LX1X models only. |