công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2686MTC bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM2686MTC
Giải thích chi tiết về linh kiện  Regulated Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2686MTC bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI)

  LM2686MTC Datasheet HTML 1Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 2Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 3Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 4Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 5Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 6Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 7Page - National Semiconductor (TI) LM2686MTC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Detailed Device Description
The LM2686 CMOS charge pump voltage converter oper-
ates as an input voltage doubler, +5V regulator for an input
voltage in the range of +2.85V to +6.5V. It delivers maximum
load currents of 50mA for the regulated +5V, with an operat-
ing current of only 450µA. It also has a typical shutdown cur-
rent of 6µA. All these performance qualities make the
LM2686 an ideal device for battery powered systems.
The LM2686 has two main functional blocks: a voltage dou-
bler and a low dropout (LDO) regulator.
Figure 1 shows the
LM2686 functional block diagram.
Voltage Doubler
The voltage doubler ties directly to V
IN and doubles the input
voltage in the range from +2.85V to +5.4V up to 5.7V to
10.8V at the V
DBL pin. For VIN above 5.4V, the doubler shuts
off and the input voltage is passed directly to VDBL via an in-
ternal power switch.
The doubler contains four large CMOS switches which are
switched in a sequence to double the input supply voltage.
Figure 2 illustrates the voltage conversion scheme. When S2
and S4 are closed, C1 charges to the supply voltage V
IN.
During this time interval, switches S1 and S3 are open. In the
next time interval, S2 and S4 are opened at the same time,
S1 and S3 are closed, the sum of the input voltage V
IN and
the voltage across C1 gives the 2V
In and the voltage across
C2 gives the 2V
IN at VDBL output. VDBL supplies the LDO
regulator. It is recommended not to load V
DBL when V05 has
a load of 50mA. For proper operation, the sum of V
DBL and
V
05 loads must not be more than 50mA.
+5 LDO Regulator
V
DBL is the input to an LDO regulator that regulates it to a +5
output voltage at V
05.VPSW is tied to V05 through a series
switch PSW. The LDO output capacitor (4.7µF Tantalum)
may be connected to either V
05 or VPSW.
Shutdown and Load Disconnect
In addition to the nominal charge pump and regulator func-
tions, the LM2686 features shutdown and load disconnect
circuitry. CE (chip enable) and SD (shutdown positive) per-
form the same task with opposite input polarities. When CE
is low or SD is high, all circuit blocks are disabled and V
05
falls to ground potential. This is the same result as when the
die temperature exceeds 150˚C, and the device’s internal
thermal shutdown is triggered.
The LM2686 incorporates a low impedance switch tied to the
V
05 output, because some special applications require load
disconnect and this is achievable via the switch. Switch PSW
connects V
05 to VPSW. In normal operation, this switch is
closed, allowing 5V loads to be tied to either V
05 or VPSW.
Forcing CE low or SD high opens the PSW.
Application Information
Capacitor Selection
The output resistance and ripple voltage are dependent on
the capacitance and ESR values of the external capacitors.
Voltage Doubler External Capacitors
The selection of capacitors are based on the specifications
of the dropout voltage (which equals I
OUT ROUT), the output
voltage ripple, and the converter efficiency.
where R
SW is the sum of the ON resistance of the internal
MOSFET switches as shown in
Figure 2.
The peak-to-peak output voltage ripple is determined by the
oscillator frequency, the capacitance and ESR of the capaci-
tor C3.
DS101141-3
FIGURE 1. Functional Block Diagram
DS101141-4
FIGURE 2. Voltage Doubler Principle
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8