công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX14900E bảng dữ liệu(PDF) 2 Page - Maxim Integrated Products

tên linh kiện MAX14900E
Giải thích chi tiết về linh kiện  Global and Per-Channel Diagnostics
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14900E bảng dữ liệu(HTML) 2 Page - Maxim Integrated Products

  MAX14900E Datasheet HTML 1Page - Maxim Integrated Products MAX14900E Datasheet HTML 2Page - Maxim Integrated Products MAX14900E Datasheet HTML 3Page - Maxim Integrated Products MAX14900E Datasheet HTML 4Page - Maxim Integrated Products MAX14900E Datasheet HTML 5Page - Maxim Integrated Products MAX14900E Datasheet HTML 6Page - Maxim Integrated Products MAX14900E Datasheet HTML 7Page - Maxim Integrated Products MAX14900E Datasheet HTML 8Page - Maxim Integrated Products MAX14900E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
MAX14900E
Octal, High-Speed, Industrial, High-Side Switch
www.maximintegrated.com
Maxim Integrated │ 2
Electrical Characteristics
(VDD = 10V to 36V, V5 = 4.5V to 5.5V, VL = 2.5V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VDD = 24V,
V5 = 5V, VL = 3.3V, and TA = +25°C.) (Note 2)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
(All voltages referenced to AGND = PGND.)
VDD........................................................................-0.3V to +40V
O_............................................................. -0.3V to (VDD + 0.3V)
V5, VL, FAULT, IN_, PUSHPL,
FLTR, SRIAL, CLK, SDI, CS, EN ........................-0.3V to +6V
REXT...........................................................-0.3V to (V5 + 0.3V)
SDO.............................................................-0.3V to (VL + 0.3V)
Continuous Reverse Current (O_) .......................................2.0A
Inductive Kickback Current (O_) ..........................................1.9A
Continuous Current (Any Other Terminal)......................±100mA
Continuous Power Dissipation (TA = +70°C)
(derate 38.5mW/°C above +70°C) ............................4400mW
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature.......................................Internally Limited
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics (Note 1)
Junction-to-Ambient Thermal Resistance (θJA) ..............18°C/W
Junction-to-Case Thermal Resistance (θJC).....................1°C/W
Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
VDD Supply Voltage
VDD
10
36
V
VDD Supply Current
IDD
EN = high, O_ in push-pull mode
and unloaded
0.7
1.5
mA
EN = high, O_ in high-side mode
and unloaded
0.7
1.5
VDD Disable Supply Current
IDD_DIS
EN = low
0.7
1.5
mA
VDD Undervoltage-Lockout
Threshold
VDD_
UVLO
V5 = 5V, VDD rising
7.0
7.8
8.5
V
VDD Undervoltage-Lockout
Hysteresis
VDD_
UVHYS
V5 = 5V
2.5
V
V5 Supply Voltage
V5
4.5
5.5
V
V5 Supply Current
I5
O_ in push-pull or high-side mode,
CS = high, DC output
0.9
1.5
mA
V5 Undervoltage-Lockout
Threshold
V5_UVLO
VDD = 24V, V5 rising
3.8
4
4.2
V
V5 Undervoltage-Lockout
Hysteresis
V5_UVHYS
VDD = 24V
0.3
V
V5 POR Threshold
V5_POR
1.6
2.4
V
VL Supply Voltage
VL
2.5
5.5
V
VL Supply Current
IL
Logic inputs unconnected
9
40
µA
VL POR Threshold
VL_POR
1.6
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com