công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29F200BB-50 bảng dữ liệu(PDF) 39 Page - Advanced Micro Devices

tên linh kiện AM29F200BB-50
Giải thích chi tiết về linh kiện  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200BB-50 bảng dữ liệu(HTML) 39 Page - Advanced Micro Devices

Back Button AM29F200BB-50 Datasheet HTML 31Page - Advanced Micro Devices AM29F200BB-50 Datasheet HTML 32Page - Advanced Micro Devices AM29F200BB-50 Datasheet HTML 33Page - Advanced Micro Devices AM29F200BB-50 Datasheet HTML 34Page - Advanced Micro Devices AM29F200BB-50 Datasheet HTML 35Page - Advanced Micro Devices AM29F200BB-50 Datasheet HTML 36Page - Advanced Micro Devices AM29F200BB-50 Datasheet HTML 37Page - Advanced Micro Devices AM29F200BB-50 Datasheet HTML 38Page - Advanced Micro Devices AM29F200BB-50 Datasheet HTML 39Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
Am29F200B
39
REVISION SUMMARY
Revision A
Global: Made formatting and layout consistent with other
data sheets. Used updated common tables and diagrams
Revision B
Distinctive Characteristics
Added bullet for 20-year data retention at 125
°C
Ordering Information
Optional Processing: Deleted “B = Burn-in”.
DC Characteristics—TTL/NMOS Compatible
ICC1, ICC2, ICC3: Added Note 2 “Maximum ICC specifi-
cations are tested with VCC = VCCmax”.
DC Characteristics—CMOS Compatible
ICC1, ICC2, ICC3: Added Note 2 “Maximum ICC specifi-
cations are tested with VCC = VCCmax”.
AC Characteristics
Figure 15. Data# Polling Timings (During Embedded
Algorithms): Added text to note.
Figure 16. Toggle Bit Timings (During Embedded Algo-
rithms): Added text to note.
Revision B+1 (April 12, 1999)
Product Selector Guide
The 55 ns option now has a VCC operating range of
±10%.
Revision B+2 (July 2, 1999)
Global
Added references to availability of device in Known
Good Die (KGD) form.
Trademarks
Copyright © 1999 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com