công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZXMC3AM832 bảng dữ liệu(PDF) 5 Page - Zetex Semiconductors

tên linh kiện ZXMC3AM832
Giải thích chi tiết về linh kiện  MPPS??Miniature Package Power Solutions COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZETEX [Zetex Semiconductors]
Trang chủ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMC3AM832 bảng dữ liệu(HTML) 5 Page - Zetex Semiconductors

  ZXMC3AM832 Datasheet HTML 1Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 2Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 3Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 4Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 5Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 6Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 7Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 8Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXMC3AM832
PROVISIONAL ISSUE E - JULY 2004
5
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
-30
V
ID=-250µA, VGS=0V
Zero Gate Voltage Drain Current
IDSS
1
AVDS=-30V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS= 20V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
-0.8
V
I
D
=-250 A, VDS=VGS
Static Drain-Source On-State Resistance
(1)
RDS(on)
0.210
0.330
Ω
Ω
VGS=-10V, ID=-1.4A
VGS=-4.5V, ID=-1.1A
Forward Transconductance
(1)(3)
gfs
2.48
S
VDS=-15V,ID=-1.4A
DYNAMIC
(3)
Input Capacitance
Ciss
204
pF
VDS=-15 V, VGS=0V,
f=1MHz
Output Capacitance
Coss
39.8
pF
Reverse Transfer Capacitance
Crss
25.8
pF
SWITCHING
(2) (3)
Turn-On Delay Time
td(on)
1.5
ns
VDD =-15V, ID=-1A
RG=6.0Ω,VGS=-10V
Rise Time
tr
2.8
ns
Turn-Off Delay Time
td(off)
11.3
ns
Fall Time
tf
7.5
ns
Gate Charge
Qg
2.58
nC
VDS=-15V,VGS=-5V,
ID=-1.4A
Total Gate Charge
Qg
5.15
nC
VDS=-15V,VGS=-10V,
ID=-1.4A
Gate-Source Charge
Qgs
0.65
nC
Gate-Drain Charge
Qgd
0.92
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
VSD
-0.85
-0.95
V
TJ=25°C, IS=-1.1A,
VGS=0V
Reverse Recovery Time
(3)
trr
18.6
ns
TJ=25°C, IF=-0.95A,
di/dt= 100A/
µs
Reverse Recovery Charge
(3)
Qrr
14.8
nC
P-CHANNEL
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
NOTES
(1) Measured under pulsed conditions. Width
≤300µs. Duty cycle ≤ 2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com