| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
0622018675 bảng dữ liệu(PDF) 2 Page - Molex Electronics Ltd. |
|
|
|||||||||||||||||||||||||||||
0622018675 bảng dữ liệu(HTML) 2 Page - Molex Electronics Ltd. |
|
2 / 2 page ![]() Electrical Current - Maximum per Contact 0.75A Data Rate 25.0 Gbps Impedance 100Ω Shield Type N/A Shielded No Voltage - Maximum 30V AC (RMS)/DC Solder Process Data Lead-freeProcess Capability N/A Material Info Reference - Drawing Numbers Application Specification AS-76060-990-001, AS-76060-9999-001 Electrical Model Document EE-76170-003 Packaging Specification PK-70873-591 Product Specification PS-76060-999-001, TS-76170-0001-001 S-Parameter Model SP-76170-003 Sales Drawing SD-76170-002 Symbol/Footprint Data SYM-76170-3008 Pair by 8-Column Assemblies Impact Daughter Card Extraction Tool 0622024300 Impact™ Daughter Card Module Removal Tool 0622024600 This document was generated on 11/22/2016 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |