công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F1320 bảng dữ liệu(PDF) 11 Page - Microchip Technology

tên linh kiện PIC18F1320
Giải thích chi tiết về linh kiện  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320 bảng dữ liệu(HTML) 11 Page - Microchip Technology

Back Button PIC18F1320 Datasheet HTML 7Page - Microchip Technology PIC18F1320 Datasheet HTML 8Page - Microchip Technology PIC18F1320 Datasheet HTML 9Page - Microchip Technology PIC18F1320 Datasheet HTML 10Page - Microchip Technology PIC18F1320 Datasheet HTML 11Page - Microchip Technology PIC18F1320 Datasheet HTML 12Page - Microchip Technology PIC18F1320 Datasheet HTML 13Page - Microchip Technology PIC18F1320 Datasheet HTML 14Page - Microchip Technology PIC18F1320 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 310 page
background image
 2004 Microchip Technology Inc.
DS39605C-page 9
PIC18F1220/1320
PORTB is a bidirectional I/O port. PORTB can be software
programmed for internal weak pull-ups on all inputs.
RB0/AN4/INT0
RB0
AN4
INT0
89
9
I/O
I
I
TTL
Analog
ST
Digital I/O.
Analog input 4.
External interrupt 0.
RB1/AN5/TX/CK/INT1
RB1
AN5
TX
CK
INT1
910
10
I/O
I
O
I/O
I
TTL
Analog
—
ST
ST
Digital I/O.
Analog input 5.
EUSART asynchronous transmit.
EUSART synchronous clock (see related RX/DT).
External interrupt 1.
RB2/P1B/INT2
RB2
P1B
INT2
17
19
23
I/O
O
I
TTL
—
ST
Digital I/O.
Enhanced CCP1/PWM output.
External interrupt 2.
RB3/CCP1/P1A
RB3
CCP1
P1A
18
20
24
I/O
I/O
O
TTL
ST
—
Digital I/O.
Capture 1 input/Compare 1 output/PWM 1 output.
Enhanced CCP1/PWM output.
RB4/AN6/RX/DT/KBI0
RB4
AN6
RX
DT
KBI0
10
11
12
I/O
I
I
I/O
I
TTL
Analog
ST
ST
TTL
Digital I/O.
Analog input 6.
EUSART asynchronous receive.
EUSART synchronous data (see related TX/CK).
Interrupt-on-change pin.
RB5/PGM/KBI1
RB5
PGM
KBI1
11
12
13
I/O
I/O
I
TTL
ST
TTL
Digital I/O.
Low-Voltage ICSP Programming enable pin.
Interrupt-on-change pin.
RB6/PGC/T1OSO/
T13CKI/P1C/KBI2
RB6
PGC
T1OSO
T13CKI
P1C
KBI2
12
13
15
I/O
I/O
O
I
O
I
TTL
ST
—
ST
—
TTL
Digital I/O.
In-Circuit Debugger and ICSP programming clock pin.
Timer1 oscillator output.
Timer1/Timer3 external clock output.
Enhanced CCP1/PWM output.
Interrupt-on-change pin.
RB7/PGD/T1OSI/
P1D/KBI3
RB7
PGD
T1OSI
P1D
KBI3
13
14
16
I/O
I/O
I
O
I
TTL
ST
CMOS
—
TTL
Digital I/O.
In-Circuit Debugger and ICSP programming data pin.
Timer1 oscillator input.
Enhanced CCP1/PWM output.
Interrupt-on-change pin.
VSS
5
5, 6
3, 5
P
—
Ground reference for logic and I/O pins.
VDD
14
15, 16 17, 19
P
—
Positive supply for logic and I/O pins.
NC
—
—
18
—
—
No connect.
TABLE 1-2:
PIC18F1220/1320 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP/
SOIC
SSOP
QFN
Legend:
TTL =
TTL compatible input
CMOS = CMOS compatible input or output
ST
=
Schmitt Trigger input with CMOS levels
I
= Input
O=
Output
P
= Power
OD
=
Open-drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com