| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GL600USB-B bảng dữ liệu(PDF) 36 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL600USB-B bảng dữ liệu(HTML) 36 Page - List of Unclassifed Manufacturers |
|
36 / 38 page ![]() 36 06/19/2000 GL600USB/GL600USB-A/GL600USB-B Revision 1.3 A2 A 1 B e A D C e B E1 L θ 8.4 16-pin SOP Dimension in mils Dimension in mm Symbol Min Nom Max Min Nom Max A --- 58 --- --- 1.473 --- A1 6 --- --- 0.152 --- --- A2 --- 24 --- --- 0.610 --- B --- 16 --- --- 0.406 --- C --- 8 --- --- 0.203 --- D 388 390 392 9.855 9.906 9.957 E1 152 154 156 3.861 3.912 3.962 e --- 50 --- --- 1.270 --- eB --- 238 --- --- 6.045 --- L 25 --- --- 0.635 --- --- θ 0 ° 3 ° 6 ° 0 ° 3 ° 6 ° Figure 8-4 Package outline dimension for 16-pin SOP |