công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2647LQX bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM2647LQX
Giải thích chi tiết về linh kiện  Dual Synchronous Buck Regulator Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2647LQX bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI)

  LM2647LQX Datasheet HTML 1Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 2Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 3Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 4Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 5Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 6Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 7Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 8Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Connection Diagrams
20056302
Top View
28-Lead TSSOP (MTC)
20056303
Top View
28-Lead LLP (LQA)
Ordering Information
Order Number
Package Drawing
Supplied As
LM2647MTC
MTC28
48 Units/Rail
LM2647MTCX
MTC28
2500 Units/13" Reel
LM2647LQ
LQA28A
1000 Units/7" Reel
LM2647LQX
LQA28A
4500 Units/13" Reel
Pin Description
(All pin numbers referred to here correspond to the TSSOP
package)
Pin 1, SENSE1: Output voltage sense pin for Channel 1. It is
tied directly to the output rail. The SENSE pin voltage is used
together with the VIN voltage (on Pin 22) to (internally)
calculate the CCM (continuous conduction mode) duty cycle.
This calculation is used by the IC to set the minimum duty
cycle in the SKIP mode to 85% of the CCM value. It is also
used to set the adaptive duty cycle clamp (see Pin 3). An
internal 20
Ω resistor from the SENSE pin to ground dis-
charges the output capacitor gently (Soft-shutdown) when-
ever Power Not Good is signaled on Pin 9.
Pin 2, FB1: Feedback pin for Channel 1. This is the inverting
input of the error amplifier. The voltage on this pin under
regulation is nominally at 0.6V. A Power Good window on this
pin determines if the output voltage is within regulation limits
(±13%). If the voltage (on either channel) falls outside this
window for more than 7µs, Power Not Good is signaled on
the PGOOD pin (Pin 9). Output over-voltage and under-
voltage conditions are also detected by comparing the volt-
age on the Feedback pin with appropriate internal reference
voltage levels. If the voltage exceeds the safe window
(±30%) for longer than 7µs, a fault condition is asserted.
Then both the lower FETs are latched ON and the upper
FETs are latched OFF. When single channel operation is
desired, the Feedback pins of both channels should be
connected together, near the IC. All other pins specific to the
unused channel should be left floating (not connected to
each other either).
Pin 3, COMP1: Compensation pin for Channel 1. This is also
the output of the error amplifier of this channel. The voltage
level on this pin is compared with an internally generated
ramp signal to set the duty cycle for normal regulation. Since
the Feedback pin is the inverting input of the same error
amplifier, appropriate control loop compensation compo-
nents are placed between this pin and the Feedback pin.
The COMP pin is internally pulled low during Soft-start so as
to limit the duty cycle. Once Soft-start is completed, the
voltage on this pin can take up the value required to maintain
output regulation. But an internal voltage clamp does not
allow the pin to go much higher than the steady-state re-
quirement. This forms the adaptive duty cycle clamp feature
which serves to limit the maximum allowable duty cycle and
peak currents under sudden overloads. But at the same time
it has enough headroom to permit an adequate response to
step loads within the normal operating range.
Pin 4, SS1: Channel 1 Soft-start pin. A Soft-start capacitor is
placed between this pin and ground. A typical capacitance of
0.1µF is always recommended between this pin and ground.
The IC connects an internal 1.8 k
Ω resistor (R
SS_DCHG, see
Electrical Characteristics table) between this pin and ground
to discharge any remaining charge on the Soft-start capaci-
tor under several conditions. These conditions include the
initial power-up sequence, start-up by toggling the EN pin,
and also recovery from a fault condition. The purpose is to
bring down the voltage on both the Soft-start pins to below
100mV for obtaining reset. Reset having thus been obtained,
an 11µA current source at this pin charges up the Soft-start
capacitor. The voltage on this pin controls the maximum duty
cycle, and this produces a gradual ramp-up of the output
voltage, thereby preventing large inrush currents into the
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25