| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCM1803 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM1803 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 20 page ![]() www.ti.com PIN ASSIGNMENTS 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VINL VINR VREF1 VREF2 VCC AGND PDWN BYPAS TEST LRCK MODE1 MODE0 FMT1 FMT0 OSR SCKI VDD DGND DOUT BCK PCM1803 (TOP VIEW) P0009-01 BLOCK DIAGRAM BCK VINL Reference VREF1 VREF2 VINR Delta-Sigma Modulator Delta-Sigma Modulator ×1/64 , ×1/128 Decimation Filter With High-Pass Filter Power Supply AGND VCC VDD DGND Clock and Timing Control Serial Interface Mode/ Format Control LRCK DOUT FMT0 FMT1 MODE0 MODE1 BYPAS OSR PDWN SCKI B0004-06 TEST PCM1803 SLES125 – NOVEMBER 2004 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION PRODUCT PACKAGE PACKAGE PACKAGE ORDERING TRANSPORT QUANTITY CODE MARKING NUMBER MEDIA PCM1803DB Tube 65 PCM1803DB 20-Pin SSOP DB PCM1803 PCM1803DBR Tape and Reel 2000 2 |