công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9517 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện PCA9517
Giải thích chi tiết về linh kiện  Level translating I2C-bus repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9517 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  PCA9517 Datasheet HTML 1Page - NXP Semiconductors PCA9517 Datasheet HTML 2Page - NXP Semiconductors PCA9517 Datasheet HTML 3Page - NXP Semiconductors PCA9517 Datasheet HTML 4Page - NXP Semiconductors PCA9517 Datasheet HTML 5Page - NXP Semiconductors PCA9517 Datasheet HTML 6Page - NXP Semiconductors PCA9517 Datasheet HTML 7Page - NXP Semiconductors PCA9517 Datasheet HTML 8Page - NXP Semiconductors PCA9517 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Philips Semiconductors
Product data sheet
PCA9517
Level translating I2C-bus repeater
2004 Oct 05
4
APPLICATION INFORMATION
A typical application is shown in Figure 3. In this example, the
system master is running on a 3.3 V I2C-bus while the slave is
connected to a 1.2 V bus. Both buses run at 400 kHz. Master
devices can be placed on either bus.
The PCA9517 is 5 V tolerant so it does not require any additional
circuitry to translate between 0.9 V to 5.5 V bus voltages and
2.7 V to 5.5 V bus voltages.
SW02166
BUS B
BUS
MASTER
400 kHz
SLAVE
400 kHz
PCA9517
SDA
SDAB
SDA
SCL
SCLB
SCL
EN
BUS A
3.3 V
1.2 V
SDAA
SCLA
VCCA
VCCB
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
Figure 3. Typical application
When the A side of the PCA9517 is pulled LOW by a driver on the
I2C-bus, a comparator detects the falling edge when it goes below
0.3VCCA and causes the internal driver on the B side to turn on,
causing the B side to pull down to about 0.5 V. When the B side of
the PCA9517 falls, first a CMOS hysteresis type input detects the
falling edge and causes the internal driver on the A side to turn on
and pull the A side pin down to ground. In order to illustrate what
would be seen in a typical application, refer to Figures 6 and 7. If the
bus master in Figure 3 were to write to the slave through the
PCA9517, waveforms shown in Figure 6 would be observed on the
A bus. This looks like a normal I2C transmission except that the
HIGH level may be as low as 0.9 V, and the turn on and turn off of
the acknowledge signals are slightly delayed.
On the B bus side of the PCA9517, the clock and data lines would
have a positive offset from ground equal to the VOL of the PCA9517.
After the 8th clock pulse, the data line will be pulled to the VOL of the
slave device which is very close to ground in this example. At the
end of the acknowledge, the level rises only to the LOW level set by
the driver in the PCA9517 for a short delay while the A bus side
rises above 0.3VCCA then it continues HIGH. It is important to note
that any arbitration or clock stretching events require that the LOW
level on the B bus side at the input of the PCA9517 (VIL) be at or
below 0.4 V to be recognized by the PCA9517 and then transmitted
to the A bus side.
SW02347
BUS
MASTER
SLAVE
400 kHz
PCA9517
SDA
SDAA
SDA
SCL
SCLA
SCL
EN
VCCA
VCCB
SDAB
SCLB
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
SLAVE
400 kHz
PCA9517
SDAA
SDA
SCLA
SCL
EN
SDAB
SCLB
10 k
Ω
10 k
Ω
SLAVE
400 kHz
PCA9517
SDAA
SDA
SCLA
SCL
EN
SDAB
SCLB
10 k
Ω
10 k
Ω
Figure 4. Typical star application
Multiple PCA9517 A sides can be connected in a star configuration, allowing all nodes to communicate with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com