| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP73830 bảng dữ liệu(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP73830 bảng dữ liệu(HTML) 16 Page - Microchip Technology |
|
16 / 22 page ![]() MCP73830/L DS20005049D-page 16 2011-2014 Microchip Technology Inc. 7.0 PACKAGING INFORMATION 7.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e XXX 6-Lead TDFN (2x2 mm) NNN 0AA Example 256 Part Number Code MCP73830T-2AAI/MYY 2AA MCP73830LT-0AAI/MYY 0AA MCP73830LT-0BCI/MYY 0BC |