công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73871-1CCI/ML bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện MCP73871-1CCI/ML
Giải thích chi tiết về linh kiện  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-1CCI/ML bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button MCP73871-1CCI/ML Datasheet HTML 4Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 5Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 6Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 7Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 8Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 9Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 10Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 11Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MCP73871
DS20002090C-page 8
 2008-2013 Microchip Technology Inc.
Chip Enable (CE)
Input High Voltage Level
VIH
1.8
—
—
V
Input Low Voltage Level
VIL
—
—
0.8
V
Input Leakage Current
ILK
—
0.01
1
μAVCE = VDD
Input Source Selection (SEL)
Input High Voltage Level
VIH
1.8
—
—
V
Input Low Voltage Level
VIL
—
—
0.8
V
Input Leakage Current
ILK
—
0.01
1
μAVSEL = VDD
Thermistor Bias
Thermistor Current
Source
ITHERM
47
50
53
μA2 k
 < RTHERM < 50 k
Thermistor Comparator
Upper Trip Threshold
VT1
1.20
1.24
1.26
V
VT1 Low-to-High
Upper Trip Point
Hysteresis
VT1HYS
—
-40
—
mV
Lower Trip Threshold
VT2
0.23
0.25
0.27
V
VT2 High-to-Low
Lower Trip Point
Hysteresis
VT2HYS
—40
—
mV
Thermal Shutdown
Die Temperature
TSD
—
150
—
C
Die Temperature
Hysteresis
TSDHYS
—10
—
C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VIN = VREG + 0.3V to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VIN = [VREG (typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The value is ensured by design and not production tested.
2:
The maximum available charge current is also limited by the value set at PROG1 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com