công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9FGL08 bảng dữ liệu(PDF) 8 Page - Integrated Device Technology

tên linh kiện 9FGL08
Giải thích chi tiết về linh kiện  8-output 3.3V PCIe Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL08 bảng dữ liệu(HTML) 8 Page - Integrated Device Technology

Back Button 9FGL08 Datasheet HTML 4Page - Integrated Device Technology 9FGL08 Datasheet HTML 5Page - Integrated Device Technology 9FGL08 Datasheet HTML 6Page - Integrated Device Technology 9FGL08 Datasheet HTML 7Page - Integrated Device Technology 9FGL08 Datasheet HTML 8Page - Integrated Device Technology 9FGL08 Datasheet HTML 9Page - Integrated Device Technology 9FGL08 Datasheet HTML 10Page - Integrated Device Technology 9FGL08 Datasheet HTML 11Page - Integrated Device Technology 9FGL08 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8-OUTPUT 3.3V PCIE CLOCK GENERATOR
8
OCTOBER 19, 2016
9FGL08 DATASHEET
Electrical Characteristics–Filtered Phase Jitter Parameters - PCIe Common Clocked
(CC) Architectures
Electrical Characteristics–Filtered Phase Jitter Parameters - PCIe Separate
Reference Independent Spread (SRIS) Architectures3
Electrical Characteristics–DIF LP-HCSL Output Unfiltered Phase Jitter Parameters
TAMB = over the specified operating range. Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS
Notes
tjphPCIeG1-CC
PCIe Gen 1
19
28
86
ps
(p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
(PLL BW of 5-16MHz or 8-5MHz, CDR = 5MHz)
0.4
0.6
3
ps
(rms)
1,2
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
(PLL BW of 5-16MHz or 8-5MHz, CDR = 5MHz)
1.2
1.9
3.1
ps
(rms)
1,2
tjphPCIeG3-CC
PCIe Gen 3
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.3
0.45
1
ps
(rms)
1,2
tjphPCIeG4-CC
PCIe Gen 4
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.3
0.45
0.5
ps
(rms)
1,2
1 Applies to all outputs.
Phase Jitter
tjphPCIeG2-CC
2 Based on PCIe Base Specification Rev4.0 version 0.7draft. See http://www.pcisig.com for latest specifications.
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
TAMB = over the specified operating range. Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS
Notes
tjphPCIeG2-SRIS
PCIe Gen 2
(PLL BW of 16MHz , CDR = 5MHz)
0.7
1.1
2
ps
(rms)
1,2
tjphPCIeG3-SRIS
PCIe Gen 3
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.5
0.65
0.7
ps
(rms)
1,2
1 Applies to all outputs.
2 Based on PCIe Base Specification Rev3.1a. These filters are different than Common Clock filters. See http://www.pcisig.com for latest specifications.
There is a proposal to reduce the PCIe Gen3 limit to 0.5ps.
3 As of PCIe Base Specification Rev4.0 draft 0.7, SRIS is not currently defined for Gen1 or Gen4.
Phase Jitter, PLL Mode
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS
Phase Jitter, 12k-20M
tjph12k20M
100MHz outputs with REF output enabled
SSC Off
1.5
2
N/A
ps
(rms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com