công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCM811SERC bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện TCM811SERC
Giải thích chi tiết về linh kiện  4-Pin Microcontroller Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811SERC bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button TCM811SERC Datasheet HTML 3Page - Microchip Technology TCM811SERC Datasheet HTML 4Page - Microchip Technology TCM811SERC Datasheet HTML 5Page - Microchip Technology TCM811SERC Datasheet HTML 6Page - Microchip Technology TCM811SERC Datasheet HTML 7Page - Microchip Technology TCM811SERC Datasheet HTML 8Page - Microchip Technology TCM811SERC Datasheet HTML 9Page - Microchip Technology TCM811SERC Datasheet HTML 10Page - Microchip Technology TCM811SERC Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2002 Microchip Technology Inc.
DS21615B-page 7
TCM811/TCM812
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend: 1
Part Number + temperature range and voltage (two-digit code)
2
Part Number + temperature range and voltage (two-digit code)
3
Year and two-month period code
4
Lot ID number
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
4-Pin SOT-143
12
3
4
Part Number
(V)
Code
TCM811LERC
4.63
U1
TCM811MERC
4.38
U2
TCM811TERC
3.08
U3
TCM811SERC
2.93
U4
TCM811RERC
2.63
U5
TCM811FERC
1.75
U7
TCM812LERC
4.63
V1
TCM812MERC
4.38
V2
TCM812TERC
3.08
V3
TCM812SERC
2.93
V4
TCM812RERC
2.63
V5
TCM812FERC
1.75
V7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14