| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCM811MERC bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCM811MERC bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 14 page ![]() 2002 Microchip Technology Inc. DS21615B-page 7 TCM811/TCM812 4.0 PACKAGING INFORMATION 4.1 Package Marking Information Legend: 1 Part Number + temperature range and voltage (two-digit code) 2 Part Number + temperature range and voltage (two-digit code) 3 Year and two-month period code 4 Lot ID number Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. 4-Pin SOT-143 12 3 4 Part Number (V) Code TCM811LERC 4.63 U1 TCM811MERC 4.38 U2 TCM811TERC 3.08 U3 TCM811SERC 2.93 U4 TCM811RERC 2.63 U5 TCM811FERC 1.75 U7 TCM812LERC 4.63 V1 TCM812MERC 4.38 V2 TCM812TERC 3.08 V3 TCM812SERC 2.93 V4 TCM812RERC 2.63 V5 TCM812FERC 1.75 V7 |