công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMBZ27VALT1 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MMBZ27VALT1
Giải thích chi tiết về linh kiện  24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ27VALT1 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MMBZ27VALT1 Datasheet HTML 1Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 2Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 3Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 4Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 5Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 6Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 7Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
MMBZ5V6ALT1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or 2 and 3)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 and 3)
(VF = 0.9 V Max @ IF = 10 mA)
24 WATTS
Breakdown Voltage
Max Zener
Impedance (Note 5)
VC @ IPP
(Note 6)
Device
VRWM
IR @
VRWM
VBR (Note 4) (V)
@ IT
ZZT
@ IZT
ZZK @ IZK
VC
IPP
QVBR
Device
Device
Marking
Volts
mA
Min
Nom
Max
mA
W
W
mA
V
A
mV/
5C
MMBZ5V6AL
5A6
3.0
5.0
5.32
5.6
5.88
20
11
1600
0.25
8.0
3.0
1.26
MMBZ6V2AL
6A2
3.0
0.5
5.89
6.2
6.51
1.0
−
−
−
8.7
2.76
2.80
MMBZ6V8AL
6A8
4.5
0.5
6.46
6.8
7.14
1.0
−
−
−
9.6
2.5
3.4
MMBZ9V1AL
9A1
6.0
0.3
8.65
9.1
9.56
1.0
−
−
−
14
1.7
7.5
MMBZ10VAL
10A
6.5
0.3
9.50
10
10.5
1.0
−
−
−
14.2
1.7
7.5
(VF = 0.9 V Max @ IF = 10 mA)
40 WATTS
IR @
Breakdown Voltage
VC @ IPP (Note 6)
Device
VRWM
IR @
VRWM
VBR (Note 4) (V)
@ IT
VC
IPP
QVBR
Device
Device
Marking
Volts
nA
Min
Nom
Max
mA
V
A
mV/
5C
MMBZ12VAL
12A
8.5
200
11.40
12
12.60
1.0
17
2.35
7.5
MMBZ15VAL
15A
12
50
14.25
15
15.75
1.0
21
1.9
12.3
MMBZ18VAL
18A
14.5
50
17.10
18
18.90
1.0
25
1.6
15.3
MMBZ20VAL
20A
17
50
19.00
20
21.00
1.0
28
1.4
17.2
MMBZ27VAL
27A
22
50
25.65
27
28.35
1.0
40
1.0
24.3
MMBZ33VAL
33A
26
50
31.35
33
34.65
1.0
46
0.87
30.4
4. VBR measured at pulse test current IT at an ambient temperature of 25°C.
5. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC)
= 0.1 IZ(DC), with the AC frequency = 1.0 kHz.
6. Surge current waveform per Figure 5 and derate per Figure 6



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com