| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM9000 bảng dữ liệu(PDF) 49 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DM9000 bảng dữ liệu(HTML) 49 Page - List of Unclassifed Manufacturers |
|
49 / 54 page ![]() DM9000 ISA to Ethernet MAC Controller with Integrated 10/100 PHY Final 49 Version: DM9000-DS-F02 June 26, 2002 11.7 Magnetics Selection Guide Refer to Table 2 for transformer requirements. Transformers, meeting these requirements, are available from a variety of magnetic manufacturers. Designers should test and qualify all magnetics before using them in an application. The transformers listed in Table 2 are electrical equivalents, but may not be pin-to-pin equivalents. Manufacturer Part Number Pulse Engineering PE-68515, H1078, H1012 H1102 Delta LF8200, LF8221x YCL 20PMT04, 20PMT05 Halo TG22-3506ND, TD22-3506G1, TG22- S010ND TG22-S012ND Nano Pulse Inc. NPI 6181-37, NPI 6120-30, NPI 6120-37 NPI 6170-30 Fil-Mag PT41715 Bel Fuse S558-5999-01 Valor ST6114, ST6118 Macronics HS2123, HS2213 Table 2 11.8 Crystal Selection Guide A crystal can be used to generate the 25MHz reference clock instead of a oscillator. The crystal must be a fundamental type, and series-resonant. Connects to X1_25M and X2_25M, and shunts each crystal lead to ground with a 22pf capacitor (see figure 6). 21 22 X1_25M X2_25M AGND AGND C18 22pf Y1 25M C19 22pf Figure 11-6 Crystal Circuit Diagram |