| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CAT24C01 bảng dữ liệu(PDF) 20 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT24C01 bảng dữ liệu(HTML) 20 Page - ON Semiconductor |
|
20 / 23 page ![]() CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16 www.onsemi.com 20 PACKAGE DIMENSIONS WLCSP5, 0.86x0.84 CASE 567DD ISSUE C SEATING PLANE 0.10 C NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DATUM C, THE SEATING PLANE, IS DEFINED BY THE SPHERICAL CROWNS OF THE CONTACT BALLS. 4. COPLANARITY APPLIES TO SPHERICAL CROWNS OF THE CONTACT BALLS. 5. DIMENSION b IS MEASURED AT THE MAXIMUM CON- TACT BALL DIAMETER PARALLEL TO DATUM C. 2X DIM A MIN MAX 0.29 MILLIMETERS A1 D 0.86 BSC E b 0.14 0.18 e 0.30 BSC 0.39 D E A B PIN A1 REFERENCE e 0.05 C 5X b 13 C A 0.10 C A1 A C 0.10 0.14 0.84 BSC 0.10 C 2X TOP VIEW SIDE VIEW BOTTOM VIEW e1 A2 0.23 REF PITCH 0.16 5X DIMENSIONS: MILLIMETERS *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. SOLDERING FOOTPRINT* 0.52 0.30 RECOMMENDED A1 PACKAGE OUTLINE PITCH NOTE 3 A2 NOTE 4 A M 0.10 B C e1 0.52 BSC PIN A1 REFERENCE B 2 5X |