công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

189NQ135 bảng dữ liệu(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

tên linh kiện 189NQ135
Giải thích chi tiết về linh kiện  Low forward voltage drop
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Trang chủ  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

189NQ135 bảng dữ liệu(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  189NQ135 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 189NQ135 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 189NQ135 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 189NQ135 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1177, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
189NQ135/R-1
189NQ150/R-1
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
135
189NQ135/R-1
V
150
189NQ150/R-1
Max. Average Forward
Current
IF(AV)
50% duty cycle @TC =110°C,
rectangular wave form
180
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine pulse
2130
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop*
VF1
@ 180A, Pulse, TJ = 25 °C
@ 360A, Pulse, TJ = 25 °C
1.07
1.27
V
VF2
@ 180A, Pulse, TJ = 125 °C
@ 360A, Pulse, TJ = 125 °C
0.74
0.86
V
Max. Reverse Current (per
leg) *
IR1
@VR = rated VR TJ = 25 °C
4.5
mA
IR2
@VR = rated VR TJ = 125 °C
65
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
4500
pF
Typical Series Inductance
(per leg)
LS
Measured lead to lead 5 mm
from package body
6.0
nH
Max. Voltage Rate of Change
dv/dt
-
10,000
V/
μs
Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +175
°C
Max. Storage Temperature
Tstg
-
-55 to +175
°C
Maximum Thermal
Resistance Junction to Case
RθJC
DC operation
0.30
°C/W
Typical Thermal Resistance,
case to Heat Sink
Rθcs
Mounting surface, smooth
and greased
0.15
°C/W
Mounting Torque
TM
Non-lubricated threads
Mounting
Torque
23(min)
29(max)
Kg-cm
Terminal
Torque
35(min)
46(max)
Approximate Weight
wt
-
25.6
g
Case Style
PRM1-1



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com