| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S-7030EC bảng dữ liệu(PDF) 8 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
S-7030EC bảng dữ liệu(HTML) 8 Page - Copal Electronics |
|
8 / 8 page ![]() O S-70□□ETB < Top setting > <Side setting> <Tray packaging specifications> O Tray version is packaged in 50 pcs. per tray. Orders will be accepted for units of 50 pcs., i. e., 50, 100, 150 pcs. etc. O Tray version is boxed with 10 trays. <Bulk pack specifications> O The smallest unit of bulk pack in a plastic bag is 10 pcs. per pack. Orders will be accepted for unit of minimum 10 pcs., i.e., 10, 20, 30 pcs., etc. O Boxing of bulk in a plastic bag (top setting type) is performed with 50 pcs. (standard 200 pcs.) per box. Only that side setting type is 100 pcs. (standard 200 pcs.) per box. (Unit: mm) O S-70□□ETA <Top setting> (Conforms to JIS C 0806-3) <Side setting> 0.3 ±0.1 3.4 E F 0 1 2 4 ±0.1 12 ±0.1 1.5 +0.1 0 φ Direction of feed 2 ±0.1 0.3 ±0.1 4 ±0.1 12 ±0.1 1.5 +0.1 0 φ 8.7 Direction of feed 2 ±0.1 0.3 ±0.1 3.4 E F 0 1 2 4 ±0.1 12 ±0.1 1.5 +0.1 0 φ Direction of feed 2 ±0.1 0.3 ±0.1 Direction of feed 4 ±0.1 12 ±0.1 1.5 +0.1 0 φ 8.7 2 ±0.1 S-7000 ROTARY CODED SWITCHES (SMD) |