| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC-2211 bảng dữ liệu(PDF) 8 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
SC-2211 bảng dữ liệu(HTML) 8 Page - Copal Electronics |
|
8 / 8 page ![]() ■ PACKAGING SPECIFICATIONS Maximum number of consecutive missing pieces = 2 Leader length and reel dimension are shown in the dia- grams below: <Taping packaging specifications> O Taping version is packaged in 500 pcs. per reel. Orders will be accepted for units of 500 pcs., i.e., 500, 1000, 1500 pcs., etc. O Taping version is boxed with one reel (500 pcs.). O Embossed tape dimensions O Reel dimensions (Unit: mm) (In accordance with EIAJ ET-7200A) 40 mm min. 20 pitches min. 400 mm min. Direction of feed End Head Empty Filled Empty Leader <Tray packaging specifications> O Tray version is packaged in 50 pcs. per tray. Orders will be accepted for units of 50 pcs., i. e., 50, 100, 150 pcs. etc. O Tray version is boxed with 10 trays. <Bulk pack specifications> O The smallest unit of bulk pack in a plastic bag is 10 pcs. per pack. Orders will be accepted for unit of minimum 10 pcs., i.e., 10, 20, 30 pcs. , etc. O Boxing of bulk pack in a plastic bag is performed with 25 pcs. (standard 50 pcs.) per box. (Unit: mm) (In accordance with EIAJ RC-1009B) 2 ± 0.5 25.4 ± 1 29.4 ± 1 Part No. label 13 ± 0.2 φ 21 ± 0.8 φ 16 ± 0.1 0.4 ± 0.1 4.8 Direction of feed 4 ± 0.1 2 ± 0.1 1.5 φ +0.1 0 SC-1000 / 2000 ROTARY CODED SWITCHES |