| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC-2111 bảng dữ liệu(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
SC-2111 bảng dữ liệu(HTML) 1 Page - Copal Electronics |
|
1 / 8 page ![]() ■ FEATURES O RoHS compliant O Fine click with metallic spring O Low profile of 3.9 mm makes perfect for high density board mounting applications O Gold plated contact provides excellent reliability O Cross and minus slot are available O Terminal pin arrangement 4-1 Part name ① ⑥ ⑦ ⑤ ③ ④ ② Insert rotor Metallic spring Base Housing Contact “O” ring Terminal pin Material Flammability UL94V-0 — UL94V-0 UL94HB UL94V-0 — Polyphenylenesulphide Silicone rubber Polyphenylenesulphide Copper alloy, Gold-plated Rotor : Polyamide Pattern : Copper alloy, Gold-plated Stainless (SUS 301) ■ PART NUMBER DESIGNATION INTERNAL STRUCTURE SC-1000 / 2000 series S C - 1 0 1 0 T B Series name Code format 1:Real code (Rotor color Yellow) 3:Complementary code (Rotor color Red) Shape of rotor 0:Without knob (Minus slot) 1:With knob (with extended shaft) 2:Without knob (Cross slot) Shape of terminal Setting position B:Gull wing (Top setting type only) Blank : Through hole pin (Snap-in terminal pin) Form of packaging T:Taping (Gull wing type only) W:Tray packaging Blank:Bulk in plastic bag 0:Top setting 1:Side setting ※ Please refer to the LIST OF PART NUMBERS when placing orders. No. of positions 1:16 positions 2:10 positions SC-1000/2000 ROTARY CODED SWITCHES 1 3 6 5 7 4 2 RoHS compliant |
Số phần tương tự - SC-2111 |
|
Mô tả tương tự - SC-2111 |