| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS1M-LTP bảng dữ liệu(PDF) 2 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
FS1M-LTP bảng dữ liệu(HTML) 2 Page - Dialog Semiconductor |
|
2 / 7 page ![]() iW1830-EVAL Evaluation Board for 15W Dual-Output Switch-Mode Power Supply Rev. 1.0 Evaluation Board Summary © 2016 Dialog Semiconductor www.dialog-semiconductor.com 2 of 7 18-May 2016 Disclaimer for High Voltage (Mains Powered) Evaluation Boards Warning This evaluation board is powered by AC mains voltage. When powered, this evaluation board generates non-insulated high voltages which may produce electrical shock, burn, and/or fire hazards, resulting in risk of property damage, personal injury, and/or death. When the evaluation board is powered, never touch the board or its electrical circuits since they may be operating at high voltages that can cause an electrical shock hazard. TO BE USED FOR EVALUATION PURPOSES ONLY This board is intended for evaluation purposes only and not intended for commercial use in an end product. Any other use is strictly prohibited by Dialog Semiconductor. WORK AREA AND PERSONAL SAFETY This board should be used in a test area/laboratory specifically designed and designated for working with, and evaluating high-voltage electrical devices. Only trained and qualified professional personnel with experience, knowledge and training in the use of high-voltage electrical circuits should use this evaluation board. Trained personnel must use required personal protective equipment and required laboratory equipment when working with the evaluation board. The professional personnel operating this evaluation board and the test area/laboratory in which it is operated must be qualified according to the local regulations, guidelines and labor laws applicable to working with non-isolated mains voltages and high voltage circuits. An isolated housing is highly recommended when using this evaluation board. Use this evaluation board at your own risk. NOT AGENCY APPROVED This evaluation board has not been agency tested or approved for safety, technical performance, and/or regulatory requirements, such as electromagnetic interference or other technical regulatory or safety requirements. WARNING |