công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSOC4200-L bảng dữ liệu(PDF) 21 Page - Cypress Semiconductor

tên linh kiện PSOC4200-L
Giải thích chi tiết về linh kiện  Programmable System-on-Chip
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4200-L bảng dữ liệu(HTML) 21 Page - Cypress Semiconductor

Back Button PSOC4200-L Datasheet HTML 17Page - Cypress Semiconductor PSOC4200-L Datasheet HTML 18Page - Cypress Semiconductor PSOC4200-L Datasheet HTML 19Page - Cypress Semiconductor PSOC4200-L Datasheet HTML 20Page - Cypress Semiconductor PSOC4200-L Datasheet HTML 21Page - Cypress Semiconductor PSOC4200-L Datasheet HTML 22Page - Cypress Semiconductor PSOC4200-L Datasheet HTML 23Page - Cypress Semiconductor PSOC4200-L Datasheet HTML 24Page - Cypress Semiconductor PSOC4200-L Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
PSoC® 4: PSoC 4200-L Family
Datasheet
Document Number: 001-91686 Rev. *E
Page 21 of 46
Analog Peripherals
Opamp
Table 8. Opamp Specifications
(Guaranteed by Characterization)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
IDD
Opamp block current. No load.
–
–
–
–
SID269
IDD_HI
Power = high
–
1100
1850
µA
SID270
IDD_MED
Power = medium
–
550
950
µA
SID271
IDD_LOW
Power = low
–
150
350
µA
GBW
Load = 20 pF, 0.1 mA. VDDA = 2.7 V
–
–
–
–
SID272
GBW_HI
Power = high
6
–
–
MHz
SID273
GBW_MED
Power = medium
4
–
–
MHz
SID274
GBW_LO
Power = low
–
1
–
MHz
IOUT_MAX
VDDA  2.7 V, 500 mV from rail
–
–
–
–
SID275
IOUT_MAX_HI
Power = high
10
–
–
mA
SID276
IOUT_MAX_MID
Power = medium
10
–
–
mA
SID277
IOUT_MAX_LO
Power = low
–
5
–
mA
IOUT
VDDA = 1.71 V, 500 mV from rail
–
–
–
–
SID278
IOUT_MAX_HI
Power = high
4
–
–
mA
SID279
IOUT_MAX_MID
Power = medium
4
–
–
mA
SID280
IOUT_MAX_LO
Power = low
–
2
–
mA
SID281
VIN
Input voltage range
–0.05
–
VDDA–
0.2
V
Charge-pump on, VDDA 
2.7 V
SID282
VCM
Input common mode voltage
–0.05
–
VDDA
– 0.2
V
Charge-pump on, VDDA 
2.7 V
VOUT
VDDA  2.7 V
–
–
–
SID283
VOUT_1
Power = high, Iload=10 mA
0.5
–
VDDA
– 0.5
V
SID284
VOUT_2
Power = high, Iload=1 mA
0.2
–
VDDA
– 0.2
V
SID285
VOUT_3
Power = medium, Iload=1 mA
0.2
–
VDDA
– 0.2
V
SID286
VOUT_4
Power = low, Iload=0.1mA
0.2
–
VDDA
– 0.2
V
SID288
VOS_TR
Offset voltage, trimmed
1
±0.5
1
mV
High mode
SID288A
VOS_TR
Offset voltage, trimmed
–
±1
–
mV
Medium mode
SID288B
VOS_TR
Offset voltage, trimmed
–
±2
–
mV
Low mode
SID290
VOS_DR_TR
Offset voltage drift, trimmed
–10
±3
10
µV/°C
High mode
SID290A
VOS_DR_TR
Offset voltage drift, trimmed
–
±10
–
µV/°C
Medium mode
SID290B
VOS_DR_TR
Offset voltage drift, trimmed
–
±10
–
µV/°C
Low mode
SID291
CMRR
DC
60
70
–
dB
VDDD = 3.6 V
SID292
PSRR
At 1 kHz, 100 mV ripple
70
85
–
dB
VDDD = 3.6 V
Noise
–
–
–
–
SID293
VN1
Input referred, 1 Hz - 1GHz, power =
high
–
94
–
µVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com