| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RS1-107N-R15 bảng dữ liệu(PDF) 4 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
RS1-107N-R15 bảng dữ liệu(HTML) 4 Page - Copal Electronics |
|
4 / 5 page ![]() The DIP-TYPE ROTARY SELECTOR SWITCHES RS/RG series listed here are standard versions, but our production will be made upon receipt of your orders. ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance: ± 0.3 (Unit: mm) O RS series O RG series (Note1) A ground terminal is connected electrically to a shaft. (A) Diameter of shaft <Shaft slot direction> There is a difference in the direction of the slot on the shaft between shorting and non-shorting type. The location of the shaft of each type when their shafts are fully turned to CCW is shown in the chart below. Round type Width :0.8 mm Depth :1 mm Slot 3.2 0 – 0.1 D-cut type 0 – 0.3 4 3 φ 0.60.1 2.54 × 6 17.8 0.8 W × 1 D Ground terminal (Note 1) 0.30.1 0.4 5.3 7.62 150.5 17.8 17.8 17.8 1.2 Part No. & Production date code 1 block 2 blocks 3 blocks 2.54 × 6 17.8 0.8W × 1D 0.60.1 0.30.1 5.1 7.62 150.5 17.8 17.8 17.8 1 Part No. & Production date code 1 block 2 blocks 3 blocks Shorting type Non-shorting type RS / RG ROTARY SELECTOR SWITCHES |