công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB95F816K bảng dữ liệu(PDF) 39 Page - Cypress Semiconductor

tên linh kiện MB95F816K
Giải thích chi tiết về linh kiện  New 8FX 8-bit Microcontrollers
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F816K bảng dữ liệu(HTML) 39 Page - Cypress Semiconductor

Back Button MB95F816K Datasheet HTML 35Page - Cypress Semiconductor MB95F816K Datasheet HTML 36Page - Cypress Semiconductor MB95F816K Datasheet HTML 37Page - Cypress Semiconductor MB95F816K Datasheet HTML 38Page - Cypress Semiconductor MB95F816K Datasheet HTML 39Page - Cypress Semiconductor MB95F816K Datasheet HTML 40Page - Cypress Semiconductor MB95F816K Datasheet HTML 41Page - Cypress Semiconductor MB95F816K Datasheet HTML 42Page - Cypress Semiconductor MB95F816K Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
MB95810K Series
Document Number: 002-04694 Rev. *A
Page 39 of 121
15.3 Port 2
Port 2 is a general-purpose I/O port. This section focuses on its functions as a general-purpose I/O port. For details of
peripheral functions, refer to their respective chapters in “New 8FX MB95810K Series Hardware Manual”.
15.3.1 Port 2 configuration
Port 2 is made up of the following elements.
• General-purpose I/O pins/peripheral function I/O pins
• Port 2 data register (PDR2)
• Port 2 direction register (DDR2)
• Port 2 pull-up register (PUL2)
15.3.2 Block diagrams of port 2
• P20/PPG00 pin
This pin has the following peripheral function:
• 8/16-bit PPG ch. 0 output pin (PPG00)
• P21/PPG01 pin
This pin has the following peripheral function:
• 8/16-bit PPG ch. 0 output pin (PPG01)
• P22/TO00 pin
This pin has the following peripheral function:
• 8/16-bit composite timer ch. 0 output pin (TO00)
• P23/TO01 pin
This pin has the following peripheral function:
• 8/16-bit composite timer ch. 0 output pin (TO01)
• Block diagram of P20/PPG00, P21/PPG01, P22/TO00 and P23/TO01
PDR2
Pin
PDR2 read
PDR2 write
Executing bit manipulation instruction
DDR2 read
DDR2 write
PUL2 read
PUL2 write
DDR2
PUL2
0
1
1
0
Stop mode, watch mode (SPL = 1)
Peripheral function output enable
Peripheral function output
Hysteresis
Pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com