| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TESTEXEC bảng dữ liệu(PDF) 6 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
TESTEXEC bảng dữ liệu(HTML) 6 Page - Keysight Technologies |
|
6 / 8 page ![]() 06 | Keysight | TestExec SL 7.1 - Data Sheet 5. Test Profiler 6. Throughput Multiplier TestExec SL includes a proiler which illustrates the duration that each action or test group in a testplan takes to execute. You can then optimize your testplans using these data and monitor any improvements you make. – Monitors and tracks tests, and uses debugging and optimization tools to evaluate individual test performance. – Displays key parameters in a pareto chart or a spreadsheet program for further understanding and analysis. – Provides key insights to optimize the performance throughput of tests. With TestExec SL, you can increase the throughput of your test system by using the Keysight Throughput Multiplier feature to test simultaneously multiple UUTs with a single set of hardware resources and a single testplan. A common form of multiple testing is to have two UUT ixture positions and test one position while loading/unloading the other to minimize handling time. This presents an opportunity to save test time, reduce cost of testing per UUT and reduce the amount of loor space that might otherwise be occupied by multiple test systems. |