công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2453TA bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM2453TA
Giải thích chi tiết về linh kiện  Monolithic Triple 6 nS CRT Driver With Integrated Clamp and G1 Blanking
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2453TA bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2453TA Datasheet HTML 4Page - National Semiconductor (TI) LM2453TA Datasheet HTML 5Page - National Semiconductor (TI) LM2453TA Datasheet HTML 6Page - National Semiconductor (TI) LM2453TA Datasheet HTML 7Page - National Semiconductor (TI) LM2453TA Datasheet HTML 8Page - National Semiconductor (TI) LM2453TA Datasheet HTML 9Page - National Semiconductor (TI) LM2453TA Datasheet HTML 10Page - National Semiconductor (TI) LM2453TA Datasheet HTML 11Page - National Semiconductor (TI) LM2453TA Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Application Hints (Continued)
Effect of Load Capacitance
Figure 10 shows the effect of increased load capacitance on
the speed of the device. This demonstrates the importance
of knowing the load capacitance in the application. It is im-
portant to note that the rise time of the series R in the test cir-
cuit in
Figure 4 along with the load capacitance will increase
its contribution to the speed degradation as the load capaci-
tance is increased. The previous section discussed how to
optimize the transient response in the application with the
use of a series inductor.
Effect of Offset
Figure 9 shows the variation in rise and fall times when the
output offset of the device is varied from 40 VDC to 50 VDC.
The rise time shows a maximum variation relative to the cen-
ter data point (45 VDC) of less than 4%. The fall time shows
a variation of less than 10% relative to the center data point.
It is recommended that the video black level be set about
10V below the V
CC power supply in the application (Black
level at
∼70 with V
CC =80 VDC). This will give the best over-
all performance while also minimizing the DC power dissipa-
tion.
DC CLAMP AMPLIFIERS
The portion of the multiplexed input signal that is below the
reference voltage controls the DC clamp amplifiers. The DC
transfer function of the amplifier is shown in
Figure 12. Fig-
ure 15 shows the application circuit for the clamp amplifier.
Clamp diode D1 is placed as close as possible to the video
node to minimize trace lengths and parasitic capacitance.
Pull-up resistor R1 is required to bias the PNP output stage
of the clamp circuit. Capacitor C2 provides a low impedance
at high frequencies and helps minimize clamp level variation
that could be caused by changes in the cathode current.
INTEGRATED BOOST SUPPLY AND G1 BLANK
CIRCUIT
Upon initial power up the G1 V
blank/Cap Low input will sink
current until the boost capacitor is charged up to approxi-
mately 74V (V
CC1–VG1-L). After this initial charge up period,
the voltage across the boost capacitor will be replenished
during the vertical blank interval.
The charge cycle will be initiated by the V
blank input signal
(negative going, logic level pulse).
Figure 16 shows the
boost application circuit. During the charge cycle the voltage
at pin 4 will be set to
∼6V and capacitor C28 will be charged
to
∼74V through diode D11. When the charge cycle is com-
pleted, the voltage at pin 4 will be set to
∼49V and the plus
side of the boost cap will be at
∼123 V
DC. Capacitor C29 will
then be charged to
∼122.3V (0.7V below 123) through D12.
Diode D12 is required to avoid turning on the ESD protection
diodes between the video clamp outputs and the 120V pin
during the charge cycle. C29 is required to maintain the
120V at pin 2 during the charge cycle.
The 43 Vp-p pulse at pin 4 can be ac-coupled to G1 of the
CRT to blank the CRT during vertical retrace. The recom-
mended application circuit for doing this is shown in
Figure
18.
THERMAL CONSIDERATIONS
Figure 6 shows the performance of the LM2453 video ampli-
fiers in the test circuit shown in
Figure 4 as a function of case
temperature. The figure shows that the rise time of the
LM2453 decreases by approximately 6% as the case tem-
perature increases from 50˚C to 100˚C. This corresponds to
a speed degradation of 1.2% for every 10˚C rise in case tem-
perature. There is a negligible change in fall time versus
temperature in the test circuit.
Figure 8 shows the total power dissipation of the LM2453 vs.
frequency when all three video channels of the device are
driving an 8 pF or 12 pF load with a 40 V
p-p signal. The graph
assumes a 72% active time (device operating at the speci-
fied frequency) which is typical in a monitor application. The
other 28% of the time the device is assumed to be sitting at
the black level (65V in this case). This graph gives the de-
signer the information needed to determine the heat sink re-
quirement for his application. It is important to note that the
capacitive load dramatically effects the AC component of the
total power dissipation.
The LM2453 case temperature must be maintained below
100˚C. If the maximum expected ambient temperature is
50˚C and the maximum power dissipation is 8.5W, then a
maximum heat sink thermal resistance can be calculated:
This example assumes a capacitive load of 8 pF, no resistive
load and a maximum operating frequency of 50 MHz or
greater.
THE NSC REFERENCE DESIGN
Figures 17, 18, 19 show the schematic and layout for the
NSC Neck Board Reference Design. It contains a complete
video channel from monitor input to CRT cathode. Perfor-
mance is ideal for 1280 X 1024 resolution displays with pixel
clock frequencies up to 135 MHz. A sample of this design
along with all necessary support hardware and materials can
be obtained from your local sales office.
DS101302-21
FIGURE 15. Clamp Application Circuit.
DS101302-20
FIGURE 16. Boost Circuit Schematic
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14