| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GL603USB bảng dữ liệu(PDF) 26 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL603USB bảng dữ liệu(HTML) 26 Page - List of Unclassifed Manufacturers |
|
26 / 41 page ![]() 26 09/22/00 GL603USB/GL603USB-A/GL603USB-B Revision 1.4 ANDAR r, A And r and A, r <- r & A 1 ZO ANDAR A, r And A and r, A <- A & r 1 ZO ANDAI i And A and i, A <- A & i 1 ZO CMPR r Complement r, r <- r ^ FF 1 ZO CMPR A, r Complement r, A <- r ^ FF 1 ZO ORAR r, A Inclusive OR r with A, r <- r | A 1 ZO ORAR A, r Inclusive OR A with r, A <- A | r 1 ZO ORIA i Inclusive OR i with A, A <- A | i 1 ZO XORAR r, A Exclusive OR r with A, r <- r ^ A 1 ZO XORAR A, r Exclusive OR A with r, A <- A ^ r 1 ZO XORIA i Exclusive OR i with A, A <- A ^ i 1 ZO Bit-wise Operations BCR r, b Bit clear r, r.b <- 0 1 BSR r, b Bit set r, r.b <- 1 1 BTRSC r, b Bit test r, skip if (r.b = 0) 1 or 2 BTRSS r, b Bit test r, skip if (r.b =1) 1 or 2 Data Movement Operations MOV r, A Move A into r, r <- A 1 MOV A, r Move r into A, A <- r 1 ZO MOVIA i Move i into A, A <- i 1 Shift Operations SWAPR r Swap high and low nibbles in r 1 SWAPR A, r Swap high and low nibbles in r, result put into A 1 RLR r Rotate r left through C 1 CA RLR A, r Rotate r left through C, (C, A) <- (r, C) 1 CA RRR r Rotate r right through C 1 CA RRR A, r Rotate r right through C, (A, C) <- (C, r) 1 CA Control Transfer Operations CALL i Call subroutine 2 JUMP i Jump to address 2 RETIA Return and load i to A 2 RETI Return from interrupt 2 RET Return from subroutine 2 |