| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2156L bảng dữ liệu(PDF) 4 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2156L bảng dữ liệu(HTML) 4 Page - Dallas Semiconductor |
|
4 / 262 page ![]() DS2156 4 of 262 17. CHANNEL BLOCKING REGISTERS ..................................................................................................107 18. ELASTIC STORES OPERATION..........................................................................................................110 18.1 RECEIVE SIDE ..........................................................................................................................................113 18.1.1 T1 Mode ..............................................................................................................................................113 18.1.2 E1 Mode..............................................................................................................................................113 18.2 TRANSMIT SIDE .......................................................................................................................................113 18.2.1 T1 Mode ..............................................................................................................................................114 18.2.2 E1 Mode..............................................................................................................................................114 18.3 ELASTIC STORES INITIALIZATION ...........................................................................................................114 TABLE 18-A. ELASTIC STORE DELAY AFTER INITIALIZATION.............................................................................114 18.4 MINIMUM DELAY MODE .........................................................................................................................114 19. G.706 INTERMEDIATE CRC-4 UPDATING (E1 MODE ONLY).....................................................115 FIGURE 19-1. CRC-4 RECALCULATE METHOD ....................................................................................................115 20. T1 BIT-ORIENTED CODE (BOC) CONTROLLER............................................................................116 20.1 TRANSMIT BOC.......................................................................................................................................116 Transmit a BOC ................................................................................................................................................116 20.2 RECEIVE BOC .........................................................................................................................................116 Receive a BOC ..................................................................................................................................................116 21. ADDITIONAL (SA) AND INTERNATIONAL (SI) BIT OPERATION (E1 ONLY) ........................119 21.1 METHOD 1: HARDWARE SCHEME ...........................................................................................................119 21.2 METHOD 2: INTERNAL REGISTER SCHEME BASED ON DOUBLE-FRAME ................................................119 21.3 METHOD 3: INTERNAL REGISTER SCHEME BASED ON CRC4 MULTIFRAME..........................................122 22. HDLC CONTROLLERS..........................................................................................................................132 22.1 BASIC OPERATION DETAILS....................................................................................................................132 22.2 HDLC CONFIGURATION..........................................................................................................................132 TABLE 22-A. HDLC CONTROLLER REGISTERS ....................................................................................................133 22.2.1 FIFO Control......................................................................................................................................136 22.3 HDLC MAPPING......................................................................................................................................137 22.3.1 Receive................................................................................................................................................137 22.3.2 Transmit..............................................................................................................................................139 22.3.3 FIFO Information ...............................................................................................................................144 22.3.4 Receive Packet-Bytes Available..........................................................................................................144 22.3.5 HDLC FIFOs ......................................................................................................................................145 22.4 RECEIVE HDLC CODE EXAMPLE............................................................................................................146 22.5 LEGACY FDL SUPPORT (T1 MODE)........................................................................................................146 22.5.1 Overview .............................................................................................................................................146 22.5.2 Receive Section ...................................................................................................................................146 22.5.3 Transmit Section .................................................................................................................................148 22.6 D4/SLC-96 OPERATION ..........................................................................................................................148 23. LINE INTERFACE UNIT (LIU) .............................................................................................................149 23.1 LIU OPERATION ......................................................................................................................................149 23.2 RECEIVER ................................................................................................................................................149 23.2.1 Receive Level Indicator and Threshold Interrupt...............................................................................150 23.2.2 Receive G.703 Synchronization Signal (E1 Mode).............................................................................150 23.2.3 Monitor Mode .....................................................................................................................................150 FIGURE 23-1. TYPICAL MONITOR APPLICATION...................................................................................................150 23.3 TRANSMITTER .........................................................................................................................................151 23.3.1 Transmit Short-Circuit Detector/Limiter............................................................................................151 |