công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HDR360MS20 bảng dữ liệu(PDF) 1 Page - Shoulder Electronics Limited.

tên linh kiện HDR360MS20
Giải thích chi tiết về linh kiện  This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SHOULDER [Shoulder Electronics Limited.]
Trang chủ  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDR360MS20 bảng dữ liệu(HTML) 1 Page - Shoulder Electronics Limited.

  HDR360MS20 Datasheet HTML 1Page - Shoulder Electronics Limited. HDR360MS20 Datasheet HTML 2Page - Shoulder Electronics Limited. HDR360MS20 Datasheet HTML 3Page - Shoulder Electronics Limited. HDR360MS20 Datasheet HTML 4Page - Shoulder Electronics Limited. HDR360MS20 Datasheet HTML 5Page - Shoulder Electronics Limited. HDR360MS20 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 1 of 6
规格书编号
SPEC NO :
S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
N
CUSTOMER 客 户:
PRODUCT
产 品:
SAW RESONATOR
MODEL NO 型 号:
HDR360M S20
PREPARED 编 制:
CHECKED 审 核:
APPROVED 批 准:
D A T E 日 期:
2011-5-5
无锡市好达电子有限公司
Shoulder Electronics Limited
客户确认 CUSTOMER RECEIVED:
审核 CHECKED
批准 APPROVED
日期 DATE


Số phần tương tự - HDR360MS20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shoulder Electronics Li...
HDR300MF11D SHOULDER-HDR300MF11D Datasheet
104Kb / 5P
This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
HDR304225M2S6 SHOULDER-HDR304225M2S6 Datasheet
207Kb / 8P
This specification shall cover the characteristics of 1-port SAW resonator with R304.225M2 used for remote-control security.
HDR31512M2S6 SHOULDER-HDR31512M2S6 Datasheet
207Kb / 8P
This specification shall cover the characteristics of 1-port SAW resonator with R315.12M2 used for remote-control security.
HDR315M2S6 SHOULDER-HDR315M2S6 Datasheet
207Kb / 8P
This specification shall cover the characteristics of 1-port SAW resonator with R315M2 used for remote-control security.
HDR315MS4 SHOULDER-HDR315MS4 Datasheet
153Kb / 8P
This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
More results

Mô tả tương tự - HDR360MS20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SHENZHEN YONGERJIA INDU...
ZTA40MX WINNERJOIN-ZTA40MX Datasheet
95Kb / 5P
This specification is applied to the ceramics resonator used for the clock Oscillation of Microprocessor.
ZTA50MX WINNERJOIN-ZTA50MX Datasheet
95Kb / 5P
This specification is applied to the ceramics resonator used for the clock Oscillation of Microprocessor
logo
Shoulder Electronics Li...
HDR154MF11 SHOULDER-HDR154MF11 Datasheet
106Kb / 5P
This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
HDR300MF11D SHOULDER-HDR300MF11D Datasheet
104Kb / 5P
This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
HDR315MS4 SHOULDER-HDR315MS4 Datasheet
153Kb / 8P
This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
HDR2245MF11 SHOULDER-HDR2245MF11 Datasheet
103Kb / 5P
This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
HDR447625MS20 SHOULDER-HDR447625MS20 Datasheet
112Kb / 6P
This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
logo
Silicon Laboratories
SI4362 SILABS-SI4362 Datasheet
1Mb / 46P
Garage and gate openers
logo
Murata Manufacturing Co...
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
Designed for European 433.92 MHz Remote Control and Security Transmitters
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
Ideal for 318 MHz Remote Control and Security Transmitters
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com