công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MM1104AF bảng dữ liệu(PDF) 2 Page - Mitsumi Electronics, Corp.

tên linh kiện MM1104AF
Giải thích chi tiết về linh kiện  Monolithic IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUMI [Mitsumi Electronics, Corp.]
Trang chủ  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1104AF bảng dữ liệu(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM1104AF Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1104AF Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1104AF Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1104AF Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MITSUMI
IC for Headphone Stereos MM1104
Electrical Characteristics (Except where noted otherwise, Ta=25°C)
Absolute Maximum Ratings
Item
Symbol
Ratings
Units
Operating temperature
TOPR
-20~+65
°C
Storage temperature
TSTG
-40~+125
°C
Power supply current
VCC
-0.3~+7.5
V
Power consumption
Pd
700 (Ta=25°C)
mW
Operating voltage
Vop
+2.0~+5.0
V
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Consumption current
ICC
Amp. only
11
18
mA
Preamp unit (Ta=25°C)
Open-circuit gain
GVo
Vo=-10dBm f=100Hz
86
dB
Closed-circuit gain
GVc
Vo=-10dBm
42
dB
Maximum output voltage
Vom
THD=10%
0.5
0.74
Vrms
Total harmonic distortion ratio
THD
Vo=-10dBm
0.06
0.5
%
Output noise voltage
Vno
Rg=2.2k
Ω, CCIR waiting
240
500
µVrms
Crosstalk between channels
CHCT
Vo=-10dBm
45
60
dB
Ripple rejection
RR
VCC=3V, VR=-20dBm, fR=100Hz
30
42
dB
Output voltage with preamp off
VoOff
Vo=-10dBm, when pre operation
-100
-70
dBm
Input resistance with preamp off
RiOff
7
10
13
k
Ω
Output resistance with preamp off
RoOff
7
10
13
k
Ω
Measurement conditions: Except where noted otherwise, VCC=3V, Rg=2.2k
Ω, RL=30kΩ, f=1kHz
Power amp unit (Ta=25°C)
Input resistance
Ri
14
20
26
k
Ω
Voltage gain
Gv
Po=5mW
32
34
36
dB
Voltage gain difference between channels
Gv
0
2
dB
Maximum output power I
Pom1
THD=10%, RL=16
Ω
40
62
mW
Maximum output power II
Pom2
THD=10%, RL=32
Ω
20
34
mW
Total harmonic distortion ratio
THD
Po=5mW
0.4
2
%
Crosstalk between channels
CHCT
Po=5mW
45
62
dB
Output noise voltage
Vn
Rg=1k
Ω, CCIR waiting
150
300
µVrms
Ripple rejection
RR
VCC=3V, VR=-20dBm, fR=100Hz
40
50
dB
Measurement conditions: Except where noted otherwise, VCC=3V, Rg=1k
Ω, RL=16Ω, f=1kHz
Motor governor (Ta=25°C)
Consumption current
Id
A2 measured
2.0
7.0
mA
Startup current
IMS
IM measured when RV=1.5
Ω
500
mA
Reference voltage
Vref
V5 measured with SW12 off
0.09
0.10
0.11
V
Reference voltage fluctuation I
Vref1
VS fluctuation for
VCC=1.5 to 3.5V, VCC=3.0V ref.
0.1
0.5
%/V
Reference voltage fluctuation II
Vref2
VS fluctuation for
IM=25 to 200m A, IM=100mA ref.
0.005 0.05 %/mA
Reference voltage fluctuation III
Vref3
VS fluctuation for
Ta=-10 to 60°C, Ta=25°C ref.
0.01
%/°C
Output saturation voltage
VoSAT
Reference voltage V8 measured
IM=200mA with SW12 on
0.2
0.3
V
Bridge ratio
K
V7/V6 measured
9
10
11



Html Pages

1 2 3 4