| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM562P bảng dữ liệu(PDF) 13 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM562P bảng dữ liệu(HTML) 13 Page - Davicom Semiconductor, Inc. |
|
13 / 48 page ![]() DM562P V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in 27 PAR I/O PCI Parity This signal indicates even parity across AD0~AD31 and C/BE0#~C/BE3# including the PAR pin. It is stable and valid one clock after the address phase. 36 RST# I Reset: An active low signal used to reset the DM6588. 76 RIN I Ring Signal Input for Auxiliary Power 77 GND_AUX P Auxiliary Ground Final 13 Version: DM562P-DS-F01 February 02, 2004 |