| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSLU301 bảng dữ liệu(PDF) 3 Page - Total Power International |
|
|
|||||||||||||||||||||||||||||
MSLU301 bảng dữ liệu(HTML) 3 Page - Total Power International |
|
3 / 4 page ![]() MSLU300 SERIES DC/DC CONVERTER 1W, High Isolation,SMD-Package NA : Not Available for Electrical Connection Power Derating Curve Notes 1 Specifications typical at Ta=+25 ℃, resistive load, nominal input voltage and rated output current unless otherwise noted. 2 Ripple & Noise measurement bandwidth is 0-20MHz. 3 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules; however they may not meet all specifications listed. 4 All DC/DC converters should be externally fused at the front end for protection. 5 Other input and output voltage may be available, please contact factory. 6 That “natural convection” is about 20LFM but is not equal to still air (0 LFM). 7 Specifications subject to change without notice. 8 It is not recommended to use water-washing process on SMT units. Package Specifications Mechanical Dimensions Connecting Pin Patterns ►All dimensions in mm (inches) ►Tolerance: X.X±0.25 (X.XX±0.01) X.XX±0.13 ( X.XXX±0.005) ►Pins ±0.05 (±0.002) Pin Connections Physical Characteristics Pin Single Output Dual Output Case Size : 16.3x8.0x7.7mm (0.64x0.31x0.30 Inches) 1 -Vin -Vin 2 +Vin +Vin Case Material : Non-Conductive Black Plastic (flammability to UL 94V-0 rated) 3 NA NA 5 -Vout Common Weight : 2g 6 NA -Vout 7 NA NA 8 +Vout +Vout 10 NA NA 11 NA NA 12 NA NA 12 3 5 12 11 10 8 6 7 0.60 [0.02] 16.3 [0.64] 1.8 [0.07] 5.08 5.08 [0.2] [0.2] 1.5 0.1 5.5 [0.06 0.004] [0.22] 1.5 0.1 [0.06 0.004] 5.5 [0.22] S SEATING PLANE 2.54 [0.1] ( Magnification of A ) 0.1 S 10.6 [0.42] 12.70 [0.50] 1.7 [0.07] 2.54 [0.10] 1.0 [0.04] 5.08 [0.20] Total Power In Total Power International, Inc Toll Free: 877-646-0900 www.total-power.com Tota Total Power International, Inc. |