công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MM5450 bảng dữ liệu(PDF) 2 Page - Microchip Technology

tên linh kiện MM5450
Giải thích chi tiết về linh kiện  LED Display Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM5450 bảng dữ liệu(HTML) 2 Page - Microchip Technology

  MM5450 Datasheet HTML 1Page - Microchip Technology MM5450 Datasheet HTML 2Page - Microchip Technology MM5450 Datasheet HTML 3Page - Microchip Technology MM5450 Datasheet HTML 4Page - Microchip Technology MM5450 Datasheet HTML 5Page - Microchip Technology MM5450 Datasheet HTML 6Page - Microchip Technology MM5450 Datasheet HTML 7Page - Microchip Technology MM5450 Datasheet HTML 8Page - Microchip Technology MM5450 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MM5450/51
DS20005651A-page 2
 2016 Microchip Technology Inc.
Connection Diagram: Die
V
OUTPUT BIT 24
MM5450/5451
DIE PINOUT
OUTPUT BIT 25
OUTPUT BIT 26
OUTPUT BIT 27
OUTPUT BIT 28
OUTPUT BIT 29
OUTPUT BIT 30
OUTPUT BIT 31
OUTPUT BIT 32
OUTPUT BIT 33
SS
V SS
OUTPUT BIT 12
OUTPUT BIT 11
OUTPUT BIT 10
OUTPUT BIT 9
OUTPUT BIT 8
OUTPUT BIT 7
OUTPUT BIT 6
OUTPUT BIT 5
OUTPUT BIT 4
OUTPUT BIT 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20