công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCS1003-2-BP bảng dữ liệu(PDF) 39 Page - Microchip Technology

tên linh kiện UCS1003-2-BP
Giải thích chi tiết về linh kiện  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2-BP bảng dữ liệu(HTML) 39 Page - Microchip Technology

Back Button UCS1003-2-BP Datasheet HTML 35Page - Microchip Technology UCS1003-2-BP Datasheet HTML 36Page - Microchip Technology UCS1003-2-BP Datasheet HTML 37Page - Microchip Technology UCS1003-2-BP Datasheet HTML 38Page - Microchip Technology UCS1003-2-BP Datasheet HTML 39Page - Microchip Technology UCS1003-2-BP Datasheet HTML 40Page - Microchip Technology UCS1003-2-BP Datasheet HTML 41Page - Microchip Technology UCS1003-2-BP Datasheet HTML 42Page - Microchip Technology UCS1003-2-BP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 39
UCS1003-1/2/3
5.4
Discrete Output Pins
5.4.1
ALERT# AND A_DET#
OUTPUT PINS
The ALERT# pin is an active-low, open-drain interrupt
to the host controller. The ALERT# pin is asserted (by
default – see ALERT_MASK in Section 10.4.1 “Gen-
eral Configuration Register”
) when an error occurs
(see Register 10-3). In the case of UCS1003-1, the
ALERT# pin can also be asserted when the LOW_CUR
(portable device is pulling less current and may be
finished charging) or TREG (thermal regulation
temperature exceeded) bits are set and linked. Also,
when charge rationing is enabled in UCS1003-1, the
ALERT# pin is asserted by default when the current
rationing threshold is reached (as determined by
RATION_BEH<1:0> – see Table 7-2). The ALERT# pin
is released when all error conditions that may assert
the ALERT# pin (such as an error condition, charge
rationing, and TREG and LOW_CHG if linked) have
been removed or reset as necessary.
The A_DET# pin (UCS1003-1, UCS1003-3) provides
an active-low, open-drain output indication that a valid
Attach Detection event has occurred. It will remain
asserted until the UCS1003-1 or UCS1003-3 is placed
into the Sleep state, or a Removal Detection event
occurs. For wake on USB, the A_DET# pin assertion
can be utilized by the system. If the S0 control is ‘0’ and
the UCS1003-1 or UCS1003-3 is in the Active state,
the A_DET# pin will be asserted regardless if a
portable device is attached or not. If S0 is ‘1’, PWR_EN
is enabled and VS is not present; the A_DET# pin will
cycle if the current draw exceeds the current capacity
of the bypass switch.
The CHRG# pin (UCS1003-2) provides an active-low,
open-drain output indication that charging of an
attached device is active. It will remain asserted until
this condition no longer exists and then will be
automatically released.
5.4.2
INTERRUPT BLANKING
The ALERT#, A_DET# (UCS1003-1 and UCS1003-3)
and CHRG# (UCS1003-2) pins will not be asserted for
a specified time (up to tBLANK) after power-up.
Additionally, an error condition (except for the thermal
shutdown) must be present for longer than a specified
time (tMASK) before the ALERT# pin is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com