công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APB bảng dữ liệu(PDF) 4 Page - C&K Components

tên linh kiện APB
Giải thích chi tiết về linh kiện  Backlit Pushbutton Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

APB bảng dữ liệu(HTML) 4 Page - C&K Components

  APB Datasheet HTML 1Page - C&K Components APB Datasheet HTML 2Page - C&K Components APB Datasheet HTML 3Page - C&K Components APB Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ø17.25
0.77
13.82
LOCK WASHER
Part Number 647D00000
15.90
2.40
ø15.90
REF
18.36
M13 X 1.25-6H
HEX NUT
Part number 515D00000
A
A
0.56 REF
2 X ø 14.60
2 X ø 16.30
ø 17.00
ø 13.80
0.30
4X 0.13
4X R 0.13 REF
See Detail A
Detail A
Scale 15:1
PANEL SEAL
Part Number 655D00000
A-160
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
12 Oct 16
APB Series
Backlit Pushbutton Switch
CAP SYMBOLS
-000
NO SYMBOL
-001
PLUS
-002
LOCKED
-003
ENGINE STOP
-004
PARK BRAKE
RELEASE
-005
ENGINE START
-006
FAST
-007
SLOW
-008
UNLOCKED
-009
ROCK SHAFT
LOWER
-010
MINUS
NOTES:
1. ALL GRAPHICS MUST BE POSITIONED AS SHOWN, PERPENDICULAR TO
ALIGNMENT FEATURE ON UNDERSIDE OF CAP.
2. GRAPHIC MARKING MUST BE ALIGNED WITH THE FLAT FEATURE ON THE
UNDERSIDE OF THE CAP AS SHOWN, TOLERANCE
3
B
A
PANEL CUTOUT
Panel Orientation
Flat indicates bottom
See chart on previous page
for dimensions
HARDWARE



Html Pages

1 2 3 4