công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSMTF-3.3V bảng dữ liệu(PDF) 1 Page - IQD Frequency Products Ltd

tên linh kiện LSMTF-3.3V
Giải thích chi tiết về linh kiện  Crystal Clock Oscillator Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IQD [IQD Frequency Products Ltd]
Trang chủ  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

LSMTF-3.3V bảng dữ liệu(HTML) 1 Page - IQD Frequency Products Ltd

  LSMTF-3.3V Datasheet HTML 1Page - IQD Frequency Products Ltd LSMTF-3.3V Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LSM TF 3.3V
Crystal Clock Oscillator Specification
ISSUE 1; April 2016
Outline (mm) -SM1 = Gold Plated (RoHS)
Description
The LSM oscillator has the highest accuracy, stability and the
lowest current of all STATEK surface mount oscillators. The
design consists of a STATEK crystal, and a CMOS-compatible
integrated circuit. The hybrid design is hermetically-sealed with
a kovar lid in a surface mount ceramic package. Permanent
precision tuning of the oscillator is accomplished by laser
trimming the crystal.
-SM1 Gold Plated (RoHS)
-SM5 Solder Dipped (RoHS)
FEATURES:
Low power consumption
Low ageing
CMOS compatible
Double hermetically sealed package
Full military testing available
Optional tri-state
Low harmonic noise
APPLICATIONS:
Industrial, Computer & Communications -
General purpose clock oscillator
Data logger
Remote sensor
Real time clock
Medical test and diagnostics
Military -
Portable field communication
Military high speed modem
Flight recorder
The data provided is specifically for this oscillator at a
frequency of 32.768kHz, for other frequencies please contact
an IQD Sales office.
Please note that all data is only valid at 25°C unless otherwise
stated.
Frequency Parameters
Frequency
30.0kHz to 200.0kHz
±10.00ppm to ±100.00ppm
Frequency Tolerance
@ 25°C
Tolerance Condition
±1ppm typ per year, ±3ppm
max per year
Ageing
Frequency Stability Over Temperature:
0°C to 50°C: ±40ppm max
-10°C to 70°C: ±100ppm max
Load Variation (@ ±10% change): ±1ppm max
Electrical Parameters
3.3V ±10%
Supply Voltage
Voltage Coefficient: ±1ppm/V typ, ±3ppm/V max
Absolute Maximum Supply Voltage: -0.3V to +7.0V
Operating Temperature Ranges
-10 to 70°C
-40 to 85°C
-55 to 125°C
Output Details
Output Compatability
CMOS
Drive Capability
10pF//10MΩ
Printed on 27 Apr 16 15:24 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Số phần tương tự - LSMTF-3.3V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IQD Frequency Products ...
LSMTF-5.0V IQD-LSMTF-5.0V Datasheet
188Kb / 2P
Crystal Clock Oscillator Specification
More results

Mô tả tương tự - LSMTF-3.3V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IQD Frequency Products ...
CFPS-40-AUTO IQD-CFPS-40-AUTO Datasheet
233Kb / 2P
Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
Crystal Clock Oscillator Specification
CFPS-72 IQD-CFPS-72 Datasheet
751Kb / 2P
Crystal Clock Oscillator Specification
CFPS-104 IQD-CFPS-104 Datasheet
342Kb / 2P
Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
Crystal Clock Oscillator Specification
CFPS-113 IQD-CFPS-113 Datasheet
279Kb / 2P
Crystal Clock Oscillator Specification
CFPS-114 IQD-CFPS-114 Datasheet
281Kb / 2P
Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
Crystal Clock Oscillator Specification
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com