| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T2802-PLQ bảng dữ liệu(PDF) 1 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T2802-PLQ bảng dữ liệu(HTML) 1 Page - ATMEL Corporation |
|
1 / 29 page ![]() Rev. 4509F–DECT–10/03 Features • Fully Integrated TX/RX with VCO • Fast Settling Synthesizer • Unlimited Multi-slot Operation with Advanced Closed-loop Modulation • No Mechanical Tuning Required • Low Current Consumption • Auxiliary Voltage Regulator On-chip (3.2 V to 4.6 V) • Supply-voltage Range 3 V to 4.6 V (Regulated) • Ramp-signal Generator for Power Ramping and Power Control of External SiGe Power Amplifier (T7024 and T7026) • Supports Multiple Reference Clocks (10.368 MHz/13.824 MHz/20.736 MHz/27.648 MHz) • TX Preamplifier with 3 dBm Output Power at 2.45 GHz • Few Low-cost External Components Electrostatic sensitive device. Observe precautions for handling. Description The T2802 is an RF IC for low-power applications in the 2.45 GHz ISM band. The QFN48-packaged IC is a complete transceiver including image rejection mixer, IF amplifier, FM demodulator, baseband filter, RSSI, TX preamplifier, power-ramping generator for power amplifiers, integrated synthesizer, fully integrated VCO, TX filter and modulation compensation circuit for advanced closed-loop modulation concept. No mechanical tuning is necessary in production. Figure 1. Block Diagram TANK PC RC GF MCC CP VCO f : n f : n CTRL LOGIC PD TX/RX SWITCH IR MIXER IF AMP 1 IF AMP 2 DEMOD BB FILTER 3-WIRE BUS DEMOD DAC RSSI TX DRIVER CLOCK DATA ENABLE RX_ON TX_ON PU_RX/TX PU_PLL TX_DATA RSSI BB_OUT CF DEMOD IF_TANK IF_IN MIXER OUT RF_IN TX_OUT VS_VCO CP LD REF_CLK VTUNE VREG VS_REG REG_CTRL VREG_VCO VCO REG RAMP GEN RAMP_OUT RAMP_SET AUX REG PU_VCO PU_REG GND_VCO D/A I_CPSW RAMP D/A 2.4 GHz WDECT/ISM Single-chip Transceiver T2802 Preliminary |
Số phần tương tự - T2802-PLQ |
|
Mô tả tương tự - T2802-PLQ |