| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSOX2MASK bảng dữ liệu(PDF) 4 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX2MASK bảng dữ liệu(HTML) 4 Page - Keysight Technologies |
|
4 / 5 page ![]() 4 Performance Characteristics Mask test source Analog channels 1, 2, 3, or 4 Maximum test rate 5000, 6000, 7000 Series: Up to 100,000 waveforms tested per second 3000 and 4000 X-Series: Up to 270,000 waveforms tested per second 2000 X-Series: Up to 50,000 waveforms tested per second 6000 X-Series: Up to 130,000 waveforms tested per second Acquisition modes Real-time sampling–non-averaged, Real-time sampling–averaged Mask creation Automask-divisions Automask-absolute Mask file import +/- X divisions, +/- Y divisions +/- X seconds, +/- Y volts Up to 8 failure regions (created in text editor) Mask scaling Source lock on (mask automatically re-scales with scope settings) Source lock off (mask scaling fixed relative to display when loaded or created) Test criteria Run until forever, Minimum number of tests, Minimum time, Minimum sigma, Action on error Stop acquisitions, save image, print, perform measurements Trigger output On failure Statistics display Number of tests, Number of failures (for each channel tested), Failure rate (for each channel tested), Test time (hours – minutes – seconds), Sigma (actual versus maximum without failures) Display formats Mask – translucent gray, Failing waveform segments – red, Passing waveform segments – channel color Save/recall 4 non-volatile internal registers (.msk format), USB memory stick (.msk format) Ordering Information The mask/waveform limit test option is compatible with all Keysight InfiniiVision Series oscilloscopes. Related Keysight literature Publication Title Publication Type Publication Number InfiniiVision 7000B Series Oscilloscopes Data sheet 5990-4769EN InfiniiVision 6000 X-Series Oscilloscopes Data sheet 5991-4087EN InfiniiVision 4000 X-Series Oscilloscopes Data sheet 5991-1103EN InfiniiVision 3000 X-Series Oscilloscopes Data sheet 5990-6619EN InfiniiVision 2000 X-Series Oscilloscopes Data sheet 5990-6618EN InfiniiVision Series Oscilloscope Probes and Accessories Data sheet 5968-8153EN Oscilloscope Mask Testing for Six Sigma Quality Standards Application note 5990-3200EN Oscilloscope Waveform Update Rate Determines Probability of Capturing Elusive Events Application note 5989-7885EN FlexRay Eye-diagram Mask Testing Application note 5990-4923EN CAN Eye-Diagram Mask Testing Application note 5991-0484EN InfiniiiVision model Mask test options 2000 X-Series DSOX2MASK 3000 X-Series DSOX3MASK 4000 X-Series DSOX4MASK 6000 X-Series DSOX6MASK 5000,60000, and 7000 Series N5455A |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |