công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

92042012C bảng dữ liệu(PDF) 5 Page - Vishay Siliconix

tên linh kiện 92042012C
Giải thích chi tiết về linh kiện  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

92042012C bảng dữ liệu(HTML) 5 Page - Vishay Siliconix

  92042012C Datasheet HTML 1Page - Vishay Siliconix 92042012C Datasheet HTML 2Page - Vishay Siliconix 92042012C Datasheet HTML 3Page - Vishay Siliconix 92042012C Datasheet HTML 4Page - Vishay Siliconix 92042012C Datasheet HTML 5Page - Vishay Siliconix 92042012C Datasheet HTML 6Page - Vishay Siliconix 92042012C Datasheet HTML 7Page - Vishay Siliconix 92042012C Datasheet HTML 8Page - Vishay Siliconix 92042012C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Document Number: 67952
www.vishay.com
S11-1003-Rev. A, 23-May-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DG408MIL, DG409MIL
Vishay Siliconix
Notes
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
R
DS(on) = RDS(on) max. - RDS(on) min.
h. Worst case isolation occurs on channel 4 due to proximity to the drain pin.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa (Single Supply)
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS
OTHERWISE SPECIFIED
TEMP.b
TYP.c
A SUFFIX
- 55 °C to 125 °C
UNIT
V+ = 12 V, V- = 0 V
MIN.d
MAX.d
VAL = 0.8 V, VAH = 2.4 VF
Analog Switch
Drain-Source
On-Resistancee, f
RDS(on)
VD = 3 V, 10 V, IS = - 1 mA
Room
90
-
-
Dynamic Characteristics
Switching Time of
Multiplexere
tTRANS
VS1 = 8 V, VS8 = 0 V, VIN = 2.4 V
Room
180
-
-
ns
Enable Turn-On Timee
tON(EN)
VINH = 2.4 V, VINL = 0 V,
VS1 = 5 V
Room
180
-
-
Enable Turn-Off Timee
tOFF(EN)
Room
120
-
-
Charge Injectione
QCL = 1 nF, VS = 0 V, RS = 0
Room
5
-
-
pC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com