công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DG409LEDQ-GE3 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện DG409LEDQ-GE3
Giải thích chi tiết về linh kiện  17ohm, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LEDQ-GE3 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  DG409LEDQ-GE3 Datasheet HTML 1Page - Vishay Siliconix DG409LEDQ-GE3 Datasheet HTML 2Page - Vishay Siliconix DG409LEDQ-GE3 Datasheet HTML 3Page - Vishay Siliconix DG409LEDQ-GE3 Datasheet HTML 4Page - Vishay Siliconix DG409LEDQ-GE3 Datasheet HTML 5Page - Vishay Siliconix DG409LEDQ-GE3 Datasheet HTML 6Page - Vishay Siliconix DG409LEDQ-GE3 Datasheet HTML 7Page - Vishay Siliconix DG409LEDQ-GE3 Datasheet HTML 8Page - Vishay Siliconix DG409LEDQ-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DG408LE, DG409LE
www.vishay.com
Vishay Siliconix
S16-0389-Rev.A, 07-Mar-16
1
Document Number: 78084
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
17
, +12 V / ± 5 V / +5 V / +3 V,
8-Ch / Dual 4-Ch High Performance Analog Multiplexers
DESCRIPTION
The
DG408LE,
DG409LE
are
monolithic
analog
multiplexers / demultiplexers designed to operate on
single and dual supplies. Single supply voltage ranges from
3 V to 16 V while dual supply operation is recommended
with ± 3 V to ± 8 V.
The DG408LE is an 8 channel single-ended analog
multiplexer designed to connect one of eight inputs to
a common output as determined by a 3 bit binary address
(A0, A1, A2). The DG409LE is a dual 4 channel differential
analog multiplexer designed to connect one of four
differential inputs to a common dual output as determined
by its 2 bit binary address (A0, A1). Break-before-make
switching action to protect against momentary crosstalk
between adjacent channels.
An on channel conducts current equally well in both
directions. In the off state each channel blocks voltages up
to the power supply rails. An enable (EN) function allows the
user to reset the multiplexer / demultiplexer to all switches
off for stacking several devices. All control inputs, address
(Ax) and enable (EN) are TTL compatible over the full
specified operating temperature range.
The DG408LE, DG409LE feature low on-resistance, fast
switching time, and low leakage. They are ideal for data
acquisition, control and automation, test instrument, and
healthcare products. The DG408LE, DG409LE has an
internal regulator powers the logic circuit. Such design
reduces device power consumption and makes them ideal
for battery operated applications.
The DG408LE, DG409LE are available in TSSOP16,
SOIC16, and QFN16 packages.
FEATURES
• Pin-for-pin compatibility with DG408, DG409,
and DG508, DG509
• 3 V to 16 V single supply or ± 3 V to ± 8 V dual
supply operation
• Low power consumption: 6 μA/max., EN = Vx = 5 V
• Lower on-resistance: RDS(on) - 17  typ.
• Fast switching: tON - 55 ns, tOFF - 36 ns
• Break-before-make guaranteed
• Low leakage: IS(OFF) - 1 nA max.
• TTL, CMOS, LV logic (3 V) compatible
• -99 dB off-isolation and -98 dB crosstalk at 100 kHz
• Low parasitic capacitances: CS(OFF) = 5.5 pF,
CD(ON) = 35 pF (DG408LE)
• ESD Protection:
± 2.5 kV human body model
± 100 V machine model
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
BENEFITS
• High accuracy
• Single and dual power rail capacity
• Wide operating voltage range
• Simple logic interface
APPLICATIONS
• Automatic test equipment
• Data acquisition systems
• Meters and instruments
• Medical and healthcare systems
• Communication systems
• Audio and video signal routing
• Relay replacement
• Battery powered systems
• Computer peripherals
• Audio and video signal routing
FUNCTIONAL BLOCK DIAGRAMS AND PIN CONFIGURATIONS
Available
Available
Available
A0
Da
A1
Db
EN
GND
V-
V+
S1a
S1b
S2a
S2b
S3a
S3b
S4a
S4b
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
89
DG409LE
Dual-In- Line, SOIC and TSSOP
S3
A0
S6
D
S4
A1
S8
S7
EN
A2
V-
GND
S1
V+
S2
S5
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
89
DG408LE
Dual-In- Line, SOIC and TSSOP


Số phần tương tự - DG409LEDQ-GE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
DG409LE VISHAY-DG409LE Datasheet
395Kb / 18P
17 Ω, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
07-Mar-16
More results

Mô tả tương tự - DG409LEDQ-GE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG608 AD-ADG608 Datasheet
158Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV.A
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
logo
Vishay Siliconix
DG408LE VISHAY-DG408LE_V01 Datasheet
395Kb / 18P
17 Ω, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
07-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com