công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC2126YML bảng dữ liệu(PDF) 2 Page - Microchip Technology

tên linh kiện MIC2126YML
Giải thích chi tiết về linh kiện  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2126YML bảng dữ liệu(HTML) 2 Page - Microchip Technology

  MIC2126YML Datasheet HTML 1Page - Microchip Technology MIC2126YML Datasheet HTML 2Page - Microchip Technology MIC2126YML Datasheet HTML 3Page - Microchip Technology MIC2126YML Datasheet HTML 4Page - Microchip Technology MIC2126YML Datasheet HTML 5Page - Microchip Technology MIC2126YML Datasheet HTML 6Page - Microchip Technology MIC2126YML Datasheet HTML 7Page - Microchip Technology MIC2126YML Datasheet HTML 8Page - Microchip Technology MIC2126YML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MIC2125/6
DS20005459B-page 2
 2015 Microchip Technology Inc.
Typical Application Circuit
Functional Block Diagram
MIC2125/6
3x3 QFN
V
IN
4.5V TO 28V
2.2μF
×3
220μF
0.1μF
0.1μF
0.72μH
V
OUT
3.3V/20A
90.9kΩ
1.2kΩ
10kΩ
56.2kΩ
2.26kΩ
10kΩ
470pF
100μF
470μF
4.7μF
EN
PG
V
OUT
PVDD
VDD
AGND
EN
PG
OVP
FB
FREQ
VIN
BST
DH
SW
DL
PGND
ILIM
MIC2125/6
4.7μF
MIC2125/26
EN
VDD
EN
g
m EA
COMP
CL
DETECTION
CONTROL
LOGIC
TIMER
SOFT–START
FIXED T
ON
ESTIMATE
UVLO
LDO
THERMAL
SHUTDOWN
SOFT
START
PVDD
COMPENSATION
MODIFIED
T
OFF
PG
49.9kΩ
VDD
PG
VDD
8%
92%
100kΩ
V
IN
HSD
LSD
90.9kΩ
V
OUT
3.3V/20A
0.1μF
SW
FB
470pF
DL
DH
BST
Q1
Q3
VIN
AGND
PGND
220μF
0.1μF
100μF
2.2μF
×2
0.72μH
R1
10kΩ
R2
2.26kΩ
1.2kΩ
V
IN
4.5V TO 28V
R19
R20
FREQ
ILIM
OVP
V
REF
0.6V
V
REF
0.6V
PVDD
470μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34