công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1946 bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM1946
Giải thích chi tiết về linh kiện  LM1946 Over/Under Current Limit Diagnostic Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1946 bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1946 Datasheet HTML 4Page - National Semiconductor (TI) LM1946 Datasheet HTML 5Page - National Semiconductor (TI) LM1946 Datasheet HTML 6Page - National Semiconductor (TI) LM1946 Datasheet HTML 7Page - National Semiconductor (TI) LM1946 Datasheet HTML 8Page - National Semiconductor (TI) LM1946 Datasheet HTML 9Page - National Semiconductor (TI) LM1946 Datasheet HTML 10Page - National Semiconductor (TI) LM1946 Datasheet HTML 11Page - National Semiconductor (TI) LM1946 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Hints (Continued)
MORE NOISE FILTERING
The current flowing through the sense resistor and certain
loads can sometimes be very noisy particularly when the
load is a DC motor or switching supply Large amounts of
noise on the supply line can also cause problems when
threshold voltages are set to very small values In these
cases while the average current level may remain well be-
low the threshold trip point noise peaks may exceed it A
LED display could then flicker or appear dimly lit or exces-
sive software routines and processor time may be required
for a mP to disregard such noise Often such noise must be
filtered directly at the inputs using the input resistors R1
and R2 and a capacitor Care must be taken however that
such a filter will not cause an erroneous output state upon
power-up or whenever switch S1 is closed The most effec-
tive general methodology to achieve this is to split the resis-
tor in the positive input lead into two resistor values and
connect a capacitor from here to the negative input For
example the 12k resistor R2 of
Figure 10 could be re-
placed with 39k and 12k resistors as shown in
Figure 16a
(R1 increasing from 62k to 10k to compensate) The value
of capacitor C2 depends upon the degree of filtering re-
quired the amount of noise present and the response times
desired The choice of values for the new resistors is almost
arbitrary Generally the larger value is attached to the sense
resistor for better decoupling The smaller value must be
large enough so that the DC voltage across it upon power-
up exceeds the maximum offset voltage expected of the
comparator (ie Iset R2bl50mV) It is this requirement
that guarantees that the output will not be in an erroneous
high state upon power-up or whenever S1 is closed (Should
this feature be unnecessary to a particular application cir-
cuit the methodology described can be replaced with a sim-
ple capacitor across the comparator input pins)
For extremely severe cases additional filter stages can be
cascaded at the inputs (see
Figure 17 ) Since the input bias
currents of the comparator are equal at the input threshold
level the voltage drops across the 1k resistors cancel and
do not affect the DC operation of the circuit (ignoring resis-
tor match tolerance and Ios) If an application circuit is noisy
enough to require such an elaborate filter then ferrite
beads shown here as L1 and L2 will also probably help
TLH8707 – 16
a Open-Circuit Detector
TLH8707 – 17
b Over-Current Limit Detector
FIGURE 16 Input Noise Filters for
Various Application Circuits
TLH8707 – 18
FIGURE 17 Additional Noise Filters
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com